Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 12Page - Microchip Technology LAN8820I Datasheet HTML 13Page - Microchip Technology LAN8820I Datasheet HTML 14Page - Microchip Technology LAN8820I Datasheet HTML 15Page - Microchip Technology LAN8820I Datasheet HTML 16Page - Microchip Technology LAN8820I Datasheet HTML 17Page - Microchip Technology LAN8820I Datasheet HTML 18Page - Microchip Technology LAN8820I Datasheet HTML 19Page - Microchip Technology LAN8820I Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 16
 2009-2015 Microchip Technology Inc.
Note 3-1
The internal CRS signal operates in two modes: Active and Low. When in Active mode, the internal
CRS will transition high and low upon line activity, where a high value indicates a carrier has been
detected. In Low mode, the internal CRS stays low and does not indicate carrier detection.
3.2
HP Auto-MDIX
HP Auto-MDIX facilitates the use of CAT-5 (100BASE-T) media UTP interconnect cable without consideration of inter-
face wiring scheme. If a user plugs in either a direct connect LAN cable, or a cross-over patch cable, as shown in
Figure 3-1, the Auto-MDIX PHY is capable of configuring the twisted pair pins for correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. It can automatically re-assign chan-
nel 0 and 1 if required to establish a link. In 1000BASE-T mode, it can re-assign channel 2 and 3. Crossover resolution
precedes the actual auto-negotiation process that involves exchange of FLPs to advertise capabilities. Automatic MDI/
MDIX is described in IEEE 802.3ab Clause 40, section 40.8.2. Since the RX and TX line pairs are interchangeable, spe-
cial PCB design considerations are needed to accommodate the symmetrical magnetics and termination of an Auto-
MDIX design.
Auto-MDIX is enabled by default, and can be disabled by the Auto MDIX Disable bit in the 10/100 Mode Control/Status
Register. When Auto-MDIX is disabled, the TX and RX pins can be configured manually by the MDI/MDI-X 0:1 and MDI/
MDI-X 2:3 bits in the Extended Mode Control/Status Register.
The device includes an advanced crossover resolution capability called Semi Crossover. This is an extension to HP
Auto-MDIX that corrects for a cable with only two pairs crossed. If Semi Crossover is enabled, after the device has
attempted to establish a link with all four signal pairs normal or crossed, it will attempt to establish a link with pairs 2/3
switched and 0/1 straight, and then with pairs 0/1 switched and pairs 2/3 straight. The Semi Crossover is enabled by
default, and can be disabled by the Semi Crossover Enable bit in the 10/100 Mode Control/Status Register.
After resolution of crossed pairs is complete, using either HP Auto-MDIX or the Semi Crossover function, the MDI/MDI-
X status is reported through the XOVER Resolution 0:1 and XOVER Resolution 2:3 bits of the User Status 2 Register.
Auto-Negotiation
10 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
10 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
100 Mbps
Full-Duplex
Receiving
Active
TABLE 3-2:
CRS BEHAVIOR (CONTINUED)
Mode
Speed
Duplex
Activity
CRS Behavior
(
Note 3-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com