Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 35Page - Microchip Technology LAN8820I Datasheet HTML 36Page - Microchip Technology LAN8820I Datasheet HTML 37Page - Microchip Technology LAN8820I Datasheet HTML 38Page - Microchip Technology LAN8820I Datasheet HTML 39Page - Microchip Technology LAN8820I Datasheet HTML 40Page - Microchip Technology LAN8820I Datasheet HTML 41Page - Microchip Technology LAN8820I Datasheet HTML 42Page - Microchip Technology LAN8820I Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
 2009-2015 Microchip Technology Inc.
DS00001871B-page 39
LAN8820/LAN8820I
Note 4-3
The default is determined by the CONFIG1 pin as described in Section 3.8.1.2.1, "Configuring the
SMI Address (CONFIG[1:0])," on page 25
Note 4-4
The default is determined by the CONFIG[3:2] pins as described in Section 3.8.1.2.3, "Configuration
Bits Impacted by the Mode of Operation," on page 26.
4.2.6
AUTO NEGOTIATION LINK PARTNER ABILITY REGISTER
11
Asymmetric Pause
0 = Asymmetrical pause direction is not supported by MAC
1 = Asymmetrical pause direction is supported by MAC
R/W
0b
10
Pause Operation (PAUSE)
0 = Pause operation is not supported by MAC
1 = Pause operation is supported by MAC
R/W
Note 4-3
9
RESERVED
RO
-
8
100BASE-TX Full Duplex
0 = no TX full duplex ability
1 = TX with full duplex
R/W
Note 4-4
7
100BASE-TX
0 = no TX ability
1 = TX able
R/W
Note 4-4
6
10BASE-T Full Duplex
0 = no 10Mbps with full duplex ability
1 = 10Mbps with full duplex
R/W
Note 4-4
5
10BASE-T
0 = no 10Mbps ability
1 = 10Mbps able
R/W
Note 4-4
4:0
Selector Field
00001 = IEEE 802.3
R/W
00001b
Index (In Decimal): 5
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
0 = no next page ability
1 = next page capable
RO
0b
14
Acknowledge
0 = link code word not yet received
1 = link code word received from partner
RO
0b
13
Remote Fault
0 = no remote fault
1 = remote fault detected
RO
0b
12:11
RESERVED
RO
-
10
Pause Operation (PAUSE)
0 = Pause Operation is not supported by remote MAC
1 = Pause Operation is supported by remote MAC
RO
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com