Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 48Page - Microchip Technology LAN8820I Datasheet HTML 49Page - Microchip Technology LAN8820I Datasheet HTML 50Page - Microchip Technology LAN8820I Datasheet HTML 51Page - Microchip Technology LAN8820I Datasheet HTML 52Page - Microchip Technology LAN8820I Datasheet HTML 53Page - Microchip Technology LAN8820I Datasheet HTML 54Page - Microchip Technology LAN8820I Datasheet HTML 55Page - Microchip Technology LAN8820I Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 52
 2009-2015 Microchip Technology Inc.
4.2.22
PHY SPECIAL CONTROL / STATUS REGISTER
Note 4-9
Set according to the results of Auto-Negotiation.
Index (In Decimal): 31
Size:
16 bits
Bits
Description
Type
Default
15:13
RESERVED
RO
-
12
Auto-negotiation done indication
0 = Auto-negotiation is not done or disabled (or not active)
1 = Auto-negotiation is done
Note:
This is a duplicate of register 1.5, however reads to register 31 do
not clear status bits.
RO
0b
11:5
RESERVED
RO
-
4:2
Speed Indication
HCDSPEED value:
[001]=10Mbps Half-duplex
[101]=10Mbps Full-duplex
[010]=100BASE-TX Half-duplex
[110]=100BASE-TX Full-duplex
RO
Note 4-9
1:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com