Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8820I Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN8820I
Description  RGMII 10/100/1000 Ethernet Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820I Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN8820I Datasheet HTML 40Page - Microchip Technology LAN8820I Datasheet HTML 41Page - Microchip Technology LAN8820I Datasheet HTML 42Page - Microchip Technology LAN8820I Datasheet HTML 43Page - Microchip Technology LAN8820I Datasheet HTML 44Page - Microchip Technology LAN8820I Datasheet HTML 45Page - Microchip Technology LAN8820I Datasheet HTML 46Page - Microchip Technology LAN8820I Datasheet HTML 47Page - Microchip Technology LAN8820I Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 44
 2009-2015 Microchip Technology Inc.
4.2.12
EXTENDED STATUS REGISTER
4.2.13
LINK CONTROL REGISTER
Index (In Decimal): 15
Size:
16 bits
Bits
Description
Type
Default
15
1000BASE-X Full Duplex
0 = PHY not able to perform full duplex 1000BASE-X
1 = PHY able to perform full duplex 1000BASE-X
RO
0b
14
1000BASE-X Half Duplex
0 = PHY not able to perform half duplex 1000BASE-X
1 = PHY able to perform half duplex 1000BASE-X
RO
0b
13
1000BASE-T Full Duplex
0 = PHY not able to perform full duplex 1000BASE-T
1 = PHY able to perform full duplex 1000BASE-T
RO
1b
12
1000BASE-T Half Duplex
0 = PHY not able to perform half duplex 1000BASE-T
1 = PHY able to perform half duplex 1000BASE-T
RO
1b
11:0
RESERVED
RO
-
Index (In Decimal): 16
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:8
Speed Optimize Control
This register sets the number of Auto Negotiation attempts before the Speed
Optimize mechanism reduces the advertised speed.
00 = 7 attempts
01 = 5 attempts
10 = 4 attempts
11 = 3 attempts
Note:
Refer to Section 3.9.5, "Speed Optimizer," on page 29 for additional
information.
R/W
00b
7:6
RESERVED
RO
-
5:4
Link Break Threshold
Idle error threshold for failing the link, if Link break in enabled.
00 = link break threshold is 10E-8.
01 = link break threshold is 10E-9.
10 = link break threshold is 10E-10.
11 = link break threshold is 10E-11
R/W
10b
3
Link Break Enable
0 = link break is disabled
1 = link break is enabled
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com