Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 5 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 5 Page - Microchip Technology

  USB3740B Datasheet HTML 1Page - Microchip Technology USB3740B Datasheet HTML 2Page - Microchip Technology USB3740B Datasheet HTML 3Page - Microchip Technology USB3740B Datasheet HTML 4Page - Microchip Technology USB3740B Datasheet HTML 5Page - Microchip Technology USB3740B Datasheet HTML 6Page - Microchip Technology USB3740B Datasheet HTML 7Page - Microchip Technology USB3740B Datasheet HTML 8Page - Microchip Technology USB3740B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 5
USB3740B
2.0
PIN LAYOUT
2.1
Pin Diagram
The USB3740B is available in both a 0.4mm pitch QFN (1.3mm x 1.8mm x 0.55mm height) and 0.5mm pitch QFN
(1.6mm x 2.1mm x 0.55mm height) package. The 0.5mm pitch package can be ordered in standard or automotive con-
figurations. For additional ordering information, refer to the Product Identification System section.
2.2
Ball/Pin Definitions
The following table details the ball/pin definitions for the package diagram above.
FIGURE 2-1:
USB3740B PACKAGE DIAGRAM
Pin
Name
Type/
Direction
Description
10
DP
Analog
USB Mux Output
9DM
Analog
2DP_1
Analog
USB Mux Input 1
1DM_1
Analog
6DP_2
Analog
USB Mux Input 2
7DM_2
Analog
8GND
Analog
Ground
5VDD
Analog
Power
4S
Digital Input
Switch control. Refer to Table 4-1.
3OE_N
Digital Input
Active low switch Output Enable. Refer to Table 4-1.
S
OE_N
DP
GND
VDD
3
4
5
10
9
8
DM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com