Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 1 Page - Microchip Technology

  USB3740B Datasheet HTML 1Page - Microchip Technology USB3740B Datasheet HTML 2Page - Microchip Technology USB3740B Datasheet HTML 3Page - Microchip Technology USB3740B Datasheet HTML 4Page - Microchip Technology USB3740B Datasheet HTML 5Page - Microchip Technology USB3740B Datasheet HTML 6Page - Microchip Technology USB3740B Datasheet HTML 7Page - Microchip Technology USB3740B Datasheet HTML 8Page - Microchip Technology USB3740B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 1
Features
• High Speed USB Mux for multiplexing the USB
lanes between different functions
- Switch the USB connector between two dif-
ferent functions
- Up to 1GHz Bandwidth
• USB Port ESD Protection (DP/DM)
- 8kV HBM
•flexPWRTM Technology
- 30nA Active/Standby Current
- Extremely low power design ideal for battery
powered applications
• Control inputs accommodate 1.8V to 5V inputs
• DP/DM tolerate up to 5.5V
• -40°C to +85°C Operating Temperature
• 10-pin, QFN, RoHS compliant package;
(1.3mm x 1.8mm x 0.55mm height, 0.4mm pitch)
• 10-pin, QFN, RoHS compliant package;
(1.6mm x 2.1mm x 0.55mm height, 0.5mm pitch)
• Automotive option
Block Diagram
OE_N
S
DP
DM
HS USB
Switch
DM_2
DP_2
USB 2.0 PHY,
Processor, or
Accessory
Processor
GND
DM_1
DP_1
USB 2.0 PHY,
Processor, or
Accessory
DP
DM
DP
DM
DP
DM
USB3740B
VDD
VDD
USB3740B
High Speed USB 2.0 Switch with ESD Protection
and Low Standby Current


Similar Part No. - USB3740B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3750 MICROCHIP-USB3750 Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery
03/25/14
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
More results

Similar Description - USB3740B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4906EF MAXIM-MAX4906EF Datasheet
219Kb / 15P
High-/Full-Speed USB 2.0 Switches with High ESD
Rev 1; 11/07
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
July 29, 2010
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Maxim Integrated Produc...
MAX4906EF MAXIM-MAX4906EF_V01 Datasheet
203Kb / 13P
High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com