Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 10Page - Microchip Technology USB3740B Datasheet HTML 11Page - Microchip Technology USB3740B Datasheet HTML 12Page - Microchip Technology USB3740B Datasheet HTML 13Page - Microchip Technology USB3740B Datasheet HTML 14Page - Microchip Technology USB3740B Datasheet HTML 15Page - Microchip Technology USB3740B Datasheet HTML 16Page - Microchip Technology USB3740B Datasheet HTML 17Page - Microchip Technology USB3740B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
USB3740B
DS00001725D-page 14
 2011 - 2015 Microchip Technology Inc.
FIGURE 6-6:
10-PIN, 1.6MM X 2.1MM QFN PACKAGE LAND PATTERN
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.50 BSC
MIN
E
MAX
2.075
Contact Pad Length (X6)
Contact Pad Width (X10)
Y1
X1
0.825
0.30
Microchip Technology Drawing C04-2381A
NOM
10-Lead Ultra Thin Plastic Quad Flat, No Lead Package (3V) - 1.6.x2.1 mm Body [UQFN
SILK SCREEN
1
2
10
C1
Contact Pad Spacing
1.325
Contact Pad to Center Pad (X6)
G1
0.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
e
e
C2
6X Y1
4X Y2
C1
10X X1
6X G1
Contact Pad Length (X4)
Y2
1.075
Chip-On-Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com