Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 11Page - Microchip Technology USB3740B Datasheet HTML 12Page - Microchip Technology USB3740B Datasheet HTML 13Page - Microchip Technology USB3740B Datasheet HTML 14Page - Microchip Technology USB3740B Datasheet HTML 15Page - Microchip Technology USB3740B Datasheet HTML 16Page - Microchip Technology USB3740B Datasheet HTML 17Page - Microchip Technology USB3740B Datasheet HTML 18Page - Microchip Technology USB3740B Datasheet HTML 19Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 15
USB3740B
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001725D (03-11-15)
Section 6.0, "Package
Outlines," on page 9
Updated 1.6x2.1 UQFN and 1.3x1.8 UQFN
package drawings.
DS00001725C (12-11-14)
Cover
Added bullet: “Automotive option (1.6 x 2.1mm,
0.5mm pitch package only)“
Added sub-bullet: “8kV HBM”
FIGURE 6-1: 10-pin, 1.3mm
x 1.8mm QFN Package
Outline on page 9 and
FIGURE 6-4: 10-pin, 1.6mm
x 2.1mm QFN Package
Outline on page 12
Updated package drawings to latest revision C
Product Identification
System
Added automotive ordering code information.
Added tape and reel quantity information.
Section 2.1, "Pin Diagram,"
on page 5
Clarified which package is available for the
automotive option.
All: Cover, Order Codes
Made operating temperature references generic
“-40°C to +85°C”
DS00001725B (08-21-14)
Document is converted to Microchip template; Product Identification System page
replaces Ordering Information.
DS00001725A replaces the
previous SMSC version,
Rev. 1.2
Title changed from “High Speed Switch for Mobile
and Portable Applications” to “High Speed USB 2.0
Switch with ESD Protection and Low Standby
Current”
Rev. 1.2 (07-30-12)
Table 3-1, “Absolute
Maximum Ratings,” on
page 6
Corrected “Any other pin to GND” row’s rating to “-
0.3 to VDD+0.5V”
Rev. 1.1 (12-15-11)
Section 2.2, "Ball/Pin
Definitions"
In Section 2.2, changed the description of Pin #8
as follows: “Ground”
Rev. 1.0 (08-03-11)
Data Sheet Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com