Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 9Page - Microchip Technology USB3740B Datasheet HTML 10Page - Microchip Technology USB3740B Datasheet HTML 11Page - Microchip Technology USB3740B Datasheet HTML 12Page - Microchip Technology USB3740B Datasheet HTML 13Page - Microchip Technology USB3740B Datasheet HTML 14Page - Microchip Technology USB3740B Datasheet HTML 15Page - Microchip Technology USB3740B Datasheet HTML 16Page - Microchip Technology USB3740B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 13
USB3740B
FIGURE 6-5:
10-PIN, 1.6MM X 2.1MM QFN PACKAGE DIMENSIONS
Microchip Technology Drawing C04-379A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
(A3)
e
L1
E
N
0.50 BSC
0.127 REF
0.35
0.20
0.50
0.00
0.25
1.60 BSC
0.40
0.55
0.02
2.10 BSC
MILLIMETERS
MIN
NOM
10
0.45
0.30
0.60
0.05
MAX
K2
-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal Clearance
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Terminal Length
L2
0.60
0.65
0.70
K1
-
0.20
-
Terminal Clearance
10-Lead Ultra Thin Plastic Quad Flat, No Lead Package (3V) - 1.6x2.1 mm Body [UQFN]
Chip-On-Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com