Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 17 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 11Page - Microchip Technology USB3740B Datasheet HTML 12Page - Microchip Technology USB3740B Datasheet HTML 13Page - Microchip Technology USB3740B Datasheet HTML 14Page - Microchip Technology USB3740B Datasheet HTML 15Page - Microchip Technology USB3740B Datasheet HTML 16Page - Microchip Technology USB3740B Datasheet HTML 17Page - Microchip Technology USB3740B Datasheet HTML 18Page - Microchip Technology USB3740B Datasheet HTML 19Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
 2011 - 2015 Microchip Technology Inc.
DS00001725D-page 17
USB3740B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Standard Ordering Codes
Automotive Ordering Code
PART NO.
XXX
Package
Device
Device:
USB3740B
Package:
AI2
=
10-pin QFN (1.3 x 1.8 x 0.55mm, 0.4mm pitch)
AI9
=
10-pin QFN (1.6 x 2.1 x 0.55mm, 0.5mm pitch)
Tape and Reel
Option:
Blank
= Tray packaging
TR
= Tape and Reel
Examples:
a)
USB3740B-AI2-TR
10-pin QFN RoHS Compliant package
(1.3 x 1.8 x 0.55mm, 0.4mm pitch)
Tape & Reel
b)
USB3740B-AI9-TR
10-pin QFN RoHS Compliant package
(1.6 x 2.1 x 0.55mm, 0.5mm pitch)
Tape & Reel
[X](1)
Tape and Reel
Option
-
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
-
PART NO.
X
Temp.
Device
Device:
USB3740
Tape and Reel:
T
= Tape and Reel
Temperature:
I
= -40°C to +85°C
Package:
ML
= 10-pin QFN (1.6mm x 2.1mm, 0.5mm pitch)
Automotive Code:
V01
= Automotive
Example:
a)
USB3740T-I/ML-V01
Tape & Reel
10-pin QFN RoHS Compliant package
(1.6mm x 2.1mm, 0.5mm pitch),
Automotive
-
Note 2:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
Tape
and
Reel
XX
Package
X(2)
/
-
XXX
Automotive
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com