Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3740B Datasheet(PDF) 6 Page - Microchip Technology

Part # USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Datasheet(HTML) 6 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 2Page - Microchip Technology USB3740B Datasheet HTML 3Page - Microchip Technology USB3740B Datasheet HTML 4Page - Microchip Technology USB3740B Datasheet HTML 5Page - Microchip Technology USB3740B Datasheet HTML 6Page - Microchip Technology USB3740B Datasheet HTML 7Page - Microchip Technology USB3740B Datasheet HTML 8Page - Microchip Technology USB3740B Datasheet HTML 9Page - Microchip Technology USB3740B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
USB3740B
DS00001725D-page 6
 2011 - 2015 Microchip Technology Inc.
3.0
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
Stresses beyond the Absolute Maximum Ratings may damage the USB3740B.
3.2
Electrical Specifications
TABLE 3-1:
ABSOLUTE MAXIMUM RATINGS
Description
Rating
Unit
VDD Voltage to GND
-0.3 to 6.0
V
Any other pin to GND
-0.3 to VDD+0.5
V
Operating Temperature Range
-40 to +85
C
Storage Temperature Range
-55 to +150
C
ESD Rating
HBM
8,000
V
TABLE 3-2:
ELECTRICAL SPECIFICATIONS
Characteristic
Symbol
MIN
TYP
MAX
Units
Conditions
VDD = 5.0V, TA = -40C to 85C, all typical values at TA = 25C unless otherwise noted.
VDD Recommended Operating Conditions
Input Voltage
VDD
3.0
5.5
V
Active/Standby
IDD
30
175
nA
USB Mux Characteristics
USB Mux On Resistance
RON_USB
1
2
5
ohm
0V < Vin < 3.3V
1
2
2.5
0V < Vin < 0.4V
USB Mux Off Leakage
IOFF_USB
100
200
nA
0V < Vin < 3.3V
On Capacitance
CON_USB
57
pF
VDD = 3V
Off Capacitance
COFF_USB
34
pF
VDD = 3V
Off Isolation
-30
-32
-40
dB
RL = 50 ohm, F = 250MHz
Crosstalk
-30
-45
-60
dB
RL = 50 ohm, F = 250MHz
Bandwidth (-3dB)
BW
950
1000
1100
MHz
RL = 50 ohm, CL = 0pF
850
950
980
RL = 50 ohm, CL = 5pF
530
560
600
RL = 50 ohm, CL = 10pF
Control Signal Characteristics
Input Logic High Threshold
VIN_H
1.4
V
Input Logic Low Threshold
VIN_L
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com