Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 9 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 5Page - STMicroelectronics R7986A Datasheet HTML 6Page - STMicroelectronics R7986A Datasheet HTML 7Page - STMicroelectronics R7986A Datasheet HTML 8Page - STMicroelectronics R7986A Datasheet HTML 9Page - STMicroelectronics R7986A Datasheet HTML 10Page - STMicroelectronics R7986A Datasheet HTML 11Page - STMicroelectronics R7986A Datasheet HTML 12Page - STMicroelectronics R7986A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID026997 Rev 1
9/37
R7986A
Functional description
37
5.1
Oscillator and synchronization
Figure 3 shows the block diagram of the oscillator circuit. The internal oscillator provides
a constant frequency clock. Its frequency depends on the resistor externally connected to
the FSW pin. If the FSW pin is left floating, the frequency is 250 kHz; it can be increased as
shown in Figure 5 by an external resistor connected to ground.
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the voltage feed-forward is implemented by changing the slope of the sawtooth
according to the input voltage change (see Figure 4.a).
The slope of the sawtooth also changes if the oscillator frequency is increased by the
external resistor. In this way a frequency feed-forward is implemented (Figure 4.b) in order
to keep the PWM gain constant versus the switching frequency (see Section 6.4 on page 19
for PWM gain expression).
The synchronization signal is generated on the SYNCH pin. This signal has a phase shift of
180 ° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pins together. When the SYNCH pins are connected, the device
with higher oscillator frequency works as master, so the slave device switches at the
frequency of the master but with a delay of half a period. This minimizes the RMS current
flowing through the input capacitor (see the L5988D datasheet).
Figure 3. Oscillator circuit block diagram
The device can be synchronized to work at higher frequency feeding an external clock
signal. The synchronization changes the sawtooth amplitude, changing the PWM gain
(Figure 4.c). This change must be taken into account when the loop stability is studied. To
minimize the change of the PWM gain, the free-running frequency should be set (with
a resistor on the FSW pin) only slightly lower than the external clock frequency. This pre-
adjusting of the frequency changes the sawtooth slope in order to render the truncation of
sawtooth negligible, due to the external synchronization.
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Synchronization
SYNCH
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Clock
Synchronization
SYNCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com