Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 30 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 26Page - STMicroelectronics R7986A Datasheet HTML 27Page - STMicroelectronics R7986A Datasheet HTML 28Page - STMicroelectronics R7986A Datasheet HTML 29Page - STMicroelectronics R7986A Datasheet HTML 30Page - STMicroelectronics R7986A Datasheet HTML 31Page - STMicroelectronics R7986A Datasheet HTML 32Page - STMicroelectronics R7986A Datasheet HTML 33Page - STMicroelectronics R7986A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Application ideas
R7986A
30/37
DocID026997 Rev 1
7
Application ideas
7.1
Positive buck-boost
The R7986A device can implement the step-up/down converter with a positive output
voltage.
Figure 18 shows the schematic: one power MOSFET and one Schottky diode are added to
the standard buck topology to provide 12 V output voltage with input voltage from 4.5 V to
38 V.
Figure 18. Positive buck-boost regulator
The relationship between input and output voltage is:
Equation 38
so the duty cycle is:
Equation 39
The output voltage isn’t limited by the maximum operating voltage of the device (38 V),
because the output voltage is sensed only through the resistor divider. The external power
MOSFET maximum drain to source voltage must be higher than the output voltage; the
maximum gate to source voltage must be higher than the input voltage (in Figure 18, if VIN is
higher than 16 V, the gate must be protected through a Zener diode and resistor).
The current flowing through the internal power MOSFET is transferred to the load only
during the OFF time, so according to the maximum DC switch current (3.0 A), the maximum
output current for the buck-boost topology can be calculated from Equation 40.
VOUT
VIN
D
1D
–
-------------
=
D
VOUT
VOUT VIN
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com