Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 33 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 29Page - STMicroelectronics R7986A Datasheet HTML 30Page - STMicroelectronics R7986A Datasheet HTML 31Page - STMicroelectronics R7986A Datasheet HTML 32Page - STMicroelectronics R7986A Datasheet HTML 33Page - STMicroelectronics R7986A Datasheet HTML 34Page - STMicroelectronics R7986A Datasheet HTML 35Page - STMicroelectronics R7986A Datasheet HTML 36Page - STMicroelectronics R7986A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DocID026997 Rev 1
33/37
R7986A
Application ideas
37
As in the positive buck-boost, the maximum output current according to application
conditions is shown in Figure 21. The dashed line considers a more accurate estimation of
the duty cycles given by Equation 45, where power losses across diodes and the internal
power MOSFET are taken into account.
Equation 45
Figure 21. Maximum output current according to switch max. peak current (3.0 A):
VO = - 5 V
D
VOUT VD
–
V
– IN VSW VOUT VD
–
+
–
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com