Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 32 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 28Page - STMicroelectronics R7986A Datasheet HTML 29Page - STMicroelectronics R7986A Datasheet HTML 30Page - STMicroelectronics R7986A Datasheet HTML 31Page - STMicroelectronics R7986A Datasheet HTML 32Page - STMicroelectronics R7986A Datasheet HTML 33Page - STMicroelectronics R7986A Datasheet HTML 34Page - STMicroelectronics R7986A Datasheet HTML 35Page - STMicroelectronics R7986A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Application ideas
R7986A
32/37
DocID026997 Rev 1
Equation 42
where VD is the voltage drop across the diodes, VSW and VSWE across the internal and
external power MOSFET.
7.2
Inverting buck-boost
The R7986A device can implement the step-up/down converter with a negative output
voltage.
Figure 18 shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 43
so the duty cycle is:
Equation 44
As in the positive one, in the inverting buck-boost the current flowing through the power
MOSFET is transferred to the load only during the OFF time. So according to the maximum
DC switch current (3.0 A), the maximum output current can be calculated from Equation 40,
where the duty cycle is given by Equation 44.
Figure 20. Inverting buck-boost regulator
The GND pin of the device is connected to the output voltage so, given the output voltage,
the input voltage range is limited by the maximum voltage the device can withstand across
VCC and GND (38 V). Therefore, if the output is -5 V, the input voltage can range from 4.5 V
to 33 V.
D
VOUT 2VD
+
VIN VSW VSWE VOUT 2V
D
++
–
–
--------------------------------------------------------------------------------------------
=
VOUT
VIN
–
D
1D
–
-------------
=
D
VOUT
VOUT VIN
–
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com