Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 14 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 10Page - STMicroelectronics R7986A Datasheet HTML 11Page - STMicroelectronics R7986A Datasheet HTML 12Page - STMicroelectronics R7986A Datasheet HTML 13Page - STMicroelectronics R7986A Datasheet HTML 14Page - STMicroelectronics R7986A Datasheet HTML 15Page - STMicroelectronics R7986A Datasheet HTML 16Page - STMicroelectronics R7986A Datasheet HTML 17Page - STMicroelectronics R7986A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Functional description
R7986A
14/37
DocID026997 Rev 1
Figure 7. Overcurrent protection
5.5
Enable function
The enable feature allows the device to be put into standby mode. With the EN pin is lower
than 0.3 V the device is disabled and the power consumption is reduced to less than 30
A.
With the EN pin is lower than 1.2 V, the device is enabled. If the EN pin is left floating, an
internal pull-down ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VCC compatible.
5.6
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150 °C. Once the junction temperature goes back to about 120 °C,
the device restarts in normal operation. The sensing element is very close to the PDMOS
area, so ensuring an accurate and fast temperature detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com