Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 17 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 13Page - STMicroelectronics R7986A Datasheet HTML 14Page - STMicroelectronics R7986A Datasheet HTML 15Page - STMicroelectronics R7986A Datasheet HTML 16Page - STMicroelectronics R7986A Datasheet HTML 17Page - STMicroelectronics R7986A Datasheet HTML 18Page - STMicroelectronics R7986A Datasheet HTML 19Page - STMicroelectronics R7986A Datasheet HTML 20Page - STMicroelectronics R7986A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID026997 Rev 1
17/37
R7986A
Application information
37
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value, in order to have the expected current ripple, must be selected.
The rule to fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In continuous current mode (CCM), the inductance value can be calculated by the following
equation:
Equation 12
where TON is the conduction time of the internal high-side switch and TOFF is the conduction
time of the external diode [in CCM, FSW = 1/(TON + TOFF)]. The maximum current ripple, at
fixed VOUT, is obtained at maximum TOFF, that is at minimum duty cycle (see Section 6.1 to
calculate minimum duty). So, fixing
IL = 20% to 30% of the maximum output current, the
minimum inductance value can be calculated as:
Equation 13
where FSW is the switching frequency, 1/(TON + TOFF).
For example, for VOUT = 5 V, VIN = 24 V, IO = 3 A and FSW = 250 kHz, the minimum
inductance value to have
IL= 30% of IO is about 18 H.
The peak current through the inductor is given by:
Equation 14
Therefore, if the inductor value decreases, then the peak current (that must be lower than
the minimum current limit of the device) increases. According to the maximum DC output
current for this product family (3 A), the higher the inductor value, the higher the average
output current that can be delivered, without triggering the overcurrent protection.
In Table 7 some inductor part numbers are listed.
Table 7. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
MSS1038
3.8 to 10
3.9 to 6.5
MSS1048
12 to 22
3.84 to 5.34
Wurth
PD Type L
8.2 to 15
3.75 to 6.25
PD Type M
2.2 to 4.7
4 to 6
SUMIDA
CDRH6D226/HP
1.5 to 3.3
3.6 to 5.2
CDR10D48MN
6.6 to 12
4.1 to 5.7
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT VF
+
L
---------------------------- TOFF
==
LMIN
VOUT VF
+
I
MAX
----------------------------
1DMIN
–
FSW
-----------------------
=
ILPK
IO
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com