Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986A Datasheet(PDF) 22 Page - STMicroelectronics

Part # R7986A
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button R7986A Datasheet HTML 18Page - STMicroelectronics R7986A Datasheet HTML 19Page - STMicroelectronics R7986A Datasheet HTML 20Page - STMicroelectronics R7986A Datasheet HTML 21Page - STMicroelectronics R7986A Datasheet HTML 22Page - STMicroelectronics R7986A Datasheet HTML 23Page - STMicroelectronics R7986A Datasheet HTML 24Page - STMicroelectronics R7986A Datasheet HTML 25Page - STMicroelectronics R7986A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application information
R7986A
22/37
DocID026997 Rev 1
Equation 25
4.
Calculate C5 by placing the second pole at four times the system bandwidth (BW):
Equation 26
5.
Set also the first pole at four times the system bandwidth and also the second zero at
the output filter double pole:
Equation 27
The suggested maximum system bandwidth is equal to the switching frequency divided by
3.5 (FSW/3.5), anyway lower than 100 kHz if the FSW is set higher than 500 kHz.
For example, with VOUT = 5 V, VIN = 24 V, IO = 3 A, L = 18 H, COUT = 22 F, and ESR<1
m
, the Type III compensation network is:
Equation 28
In Figure 12, the module and phase of the open loop gain is shown. The bandwidth is about
32 kHz and the phase margin is 51°.
C4
1
 R
4 fLC

---------------------------
=
C5
C4
2
 R
4 C4 4BW
1
–

--------------------------------------------------------------
=
R3
R1
4BW
fLC
----------------- 1
–
---------------------------
=
C3
1
2
 R
3 4BW
 
-----------------------------------------
=
R1 4.99k
=
R2 680
=
R3 200
=
R4 2k
=
C3 3.3nF
=
C4 22nF
=
C5 220pF
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com