Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 3Page - STMicroelectronics SRK2001 Datasheet HTML 4Page - STMicroelectronics SRK2001 Datasheet HTML 5Page - STMicroelectronics SRK2001 Datasheet HTML 6Page - STMicroelectronics SRK2001 Datasheet HTML 7Page - STMicroelectronics SRK2001 Datasheet HTML 8Page - STMicroelectronics SRK2001 Datasheet HTML 9Page - STMicroelectronics SRK2001 Datasheet HTML 10Page - STMicroelectronics SRK2001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID027367 Rev 3
7/22
SRK2001
Electrical characteristics
22
4
Electrical characteristics
Table 5. Electrical characteristics (Tj = -25 to 125 °C, VCC = 12 V, CGD1 = CGD2 = 4.7 nF,
REN = 100 k; RPG = 0 ; unless otherwise specified; typical values refer to Tj = 25 °C)
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Supply section
VCC
Operating range
After turn-on
4.5
32
V
VCC_On
Turn-on supply voltage
See(1)
4.25
4.5
4.75
V
VCC_Off
Turn-off supply voltage
See(1)
44.25
4.5
V
Hys
Hysteresis
0.25
V
VCCZ
Clamp voltage
ICCZ = 20 mA
33
36
39
V
Iq_run
Current consumption in run
mode
After turn-on (excluding SR MOS gate
capacitance charging/discharging) at 100 kHz
700
µA
ICC
Operating supply current
At 300 kHz
35
mA
Iq
Quiescent current
Low consumption mode operation,
with DVS1, 2 pins not switching(2),
Tj = -25 °C to 85 °C
50
65
µA
Drain-source sensing INPUTS and SYNCH functions
VDS1,2
Drain-to-source sensing
operating voltage
90
V
VTH_A
Arming voltage
Positive-going edge
1.4
V
VTH_PT
Pre-triggering voltage
Negative-going edge
0.7
V
VTH_ON
Turn-on threshold
Negative-going edge
-130 -100
-70
mV
Tdiode_off
Body diode residual
conduction time after turn-off
75
ns
TD_On_min Minimum turn-on delay
100
ns
TD_On_max Maximum turn-on delay
At 100 kHz
2
µs
Enable pin remote ON/OFF function
VEN_OFF
Disable threshold
(1)Negative-going edge during run mode
0.25
0.3
0.35
V
VEN_ON
Enable threshold
(1)Positive-going edge during run mode
0.45 0.62 0.82
V
IEN_run
Sourced current
During run mode
4
6
8
µA
Automatic sleep mode programming
DOFF
Min. operating duty cycle to
enter sleep mode
REN = 100 k 1%
40
%
REN = 180 k 1%
25
DON
Restart duty cycle from
sleep mode with
REN = 100 k 1%
RPG = 0 
80
%
RPG = 100 k 1%
75
RPG = 180 k 1%
65
RPG open
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com