Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 1 Page - STMicroelectronics

  SRK2001 Datasheet HTML 1Page - STMicroelectronics SRK2001 Datasheet HTML 2Page - STMicroelectronics SRK2001 Datasheet HTML 3Page - STMicroelectronics SRK2001 Datasheet HTML 4Page - STMicroelectronics SRK2001 Datasheet HTML 5Page - STMicroelectronics SRK2001 Datasheet HTML 6Page - STMicroelectronics SRK2001 Datasheet HTML 7Page - STMicroelectronics SRK2001 Datasheet HTML 8Page - STMicroelectronics SRK2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
May 2015
DocID027367 Rev 3
1/22
SRK2001
Adaptive synchronous rectification controller for LLC resonant
converter
Datasheet
- production data
Features
 Secondary side synchronous rectification
controller optimized for LLC resonant converter
 Dual gate driver for N-channel MOSFETs
 Adaptive turn-off logic
 Turn-on logic with adaptive masking time
 Auto-compensation of parasitic inductance
 Low consumption mode: 50 µA quiescent
current
 VCC operating voltage range 4.5 to 32 V
 High voltage drain-to-source Kelvin sensing for
each SR MOSFET
 Operating frequency up to 500 kHz
 35 ns total delay at turn-off
 Protection against current reversal
 Safe management of load transient, light-load
and startup conditions
 Intelligent automatic sleep mode at light-load
with user programmable enter/exit load levels,
with soft transitions and function disable
 Programmable exit load levels from burst mode
 Compatible with standard and logic level
MOSFETs: SRK2001 and SRK2001L
 SSOP10 package
Applications
 AC-DC adapters
 All-in -one PC
 High-end flat panel TV
 80+/85+ compliant ATX SMPS
 90+/92+ compliant SERVER SMPS
 Industrial SMPS
Description
The SRK2001 controller implements a control
scheme specific for secondary side synchronous
rectification in LLC resonant converters that use a
transformer with center tap secondary winding for
full wave rectification.
It provides two high current gate drive outputs,
each capable of driving one or more N-channel
power MOSFETs. Each gate driver is controlled
separately and an interlock logic circuit prevents
the two synchronous rectifier MOSFETs from
conducting simultaneously.
The control scheme in this IC provides for each
synchronous rectifier being switched on as the
corresponding half-winding starts conducting and
switched off as its current goes to zero.
The innovative turn-on logic with adaptive
masking time and the adaptive turn-off logic
allows maximizing the conduction time of the SR
MOSFETs eliminating the need of the parasitic
inductance compensation circuit.
The low consumption mode of the device allows
to meet the most stringent requirement for
converter power consumption in light-load/no load
conditions.
A noticeable feature is the very low external
component count required.
SSOP10
Table 1. Ordering codes
Package Packing
Standard gate
MOSFETs
Logic gate
MOSFETs
SSOP10
Tube
SRK2001
SRK2001L
Tape
and reel
SRK2001TR SRK2001LTR
www.st.com


Similar Part No. - SRK2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001A STMICROELECTRONICS-SRK2001A Datasheet
484Kb / 20P
Auto-compensation of parasitic inductance
June 2016 Rev 1
SRK2001ATR STMICROELECTRONICS-SRK2001ATR Datasheet
484Kb / 20P
Auto-compensation of parasitic inductance
June 2016 Rev 1
More results

Similar Description - SRK2001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
STMicroelectronics
AN3303 STMICROELECTRONICS-AN3303 Datasheet
2Mb / 27P
Secondary-side rectification for an LLC resonant converter
20-Sep-2011
logo
Texas Instruments
UCC24624 TI1-UCC24624 Datasheet
1Mb / 29P
Dual-Channel Synchronous Rectifier Controller for LLC Resonant Converters
logo
ON Semiconductor
FAN6248HC ONSEMI-FAN6248HC Datasheet
281Kb / 15P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
January, 2018 ??Rev. 2
NCP4318 ONSEMI-NCP4318 Datasheet
1Mb / 22P
Advanced Synchronous Rectifier Controller for LLC Resonant Converter
March, 2021 ??Rev. 1
logo
STMicroelectronics
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-TO STMICROELECTRONICS-EVLSRK1000B-TO Datasheet
198Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com