Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 11Page - STMicroelectronics SRK2001 Datasheet HTML 12Page - STMicroelectronics SRK2001 Datasheet HTML 13Page - STMicroelectronics SRK2001 Datasheet HTML 14Page - STMicroelectronics SRK2001 Datasheet HTML 15Page - STMicroelectronics SRK2001 Datasheet HTML 16Page - STMicroelectronics SRK2001 Datasheet HTML 17Page - STMicroelectronics SRK2001 Datasheet HTML 18Page - STMicroelectronics SRK2001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DocID027367 Rev 3
15/22
SRK2001
Operation description
22
Figure 9. EN - PROG pin configurations
5.7.1
Automatic sleep mode function enabled
Only two resistors (REN - RPG) are used, connected from each of the two pins (EN-PROG)
and GND (see Figure 9): during the startup phase, an internal current generator IEN is
enabled, the sourcing current to the EN pin that sets the voltage across the external resistor
REN: by using a resistor value below or equal to 180 k, the voltage across this resistor
stays below an internal threshold and the controller enables automatic sleep mode function;
this configuration is internally stored and, afterward, the current generator value is
decreased to IEN_run.
At the same time, during the startup, a second current generator IPROG sourcing the current
to the PROG pin sets the voltage across the external resistor RPG: depending on this
voltage level, the sleep mode entering/exiting the conduction duty cycle is set, among those
contained into the two internal lookup tables (Table 6 and Table 7). After internal storing, the
current generator IPROG is disabled.
Either the lookup table is addressed depending on the value of the resistor REN. Table 6 and
Table 7 show the allowed duty cycle combinations depending on REN and RPG resistor
values (1% tolerance).
Table 6. Lookup table I: REN = 100 k
DOFF
DON
RPG
40%
80%
RPG = 0 
75%
RPG = 100 k
65%
RPG = 180 k
60%
RPG open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com