Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 7Page - STMicroelectronics SRK2001 Datasheet HTML 8Page - STMicroelectronics SRK2001 Datasheet HTML 9Page - STMicroelectronics SRK2001 Datasheet HTML 10Page - STMicroelectronics SRK2001 Datasheet HTML 11Page - STMicroelectronics SRK2001 Datasheet HTML 12Page - STMicroelectronics SRK2001 Datasheet HTML 13Page - STMicroelectronics SRK2001 Datasheet HTML 14Page - STMicroelectronics SRK2001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID027367 Rev 3
11/22
SRK2001
Operation description
22
Figure 7. Full load and light-load turn-on
At the start-up and on sleep mode exiting, the control circuit starts with a turn-on delay set to
30% of the clock cycle and progressively adapts it to the proper value. This allows reducing
system perturbation both during the start-up and while exiting the sleep mode during a fast
zero to full load transition. After the turn-on, a blanking time (equal to 50% of the clock
period) masks an undesired turn-off due to the drain-source voltage drop, consequent to
MOSFET switch on (flowing current passes from the body diode to MOSFET channel
resistance).
5.3
Turn-off
The SR MOSFET turn-off may be triggered by an adaptive turn-off mechanism (two slope
turn-off) or by the ZCD_OFF comparator (fast turn-off, see Section 5.4).
Due to the stray inductance in series with the SR MOSFET RDS(on) (mainly the package
stray inductance), the sensed drain-source signal is not really equal to the voltage drop
across the MOSFET RDS(on), but it anticipates the time instant where the current reaches
zero, causing a premature MOSFET turn-off.
To overcome this problem (without adding any stray inductance compensation circuit), the
device uses a turn-off mechanism based on an adaptive algorithm that turns off the SR
MOSFET when the sensed drain voltage reaches zero adapting progressively the turn-off to
the maximum conduction period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com