Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 12Page - STMicroelectronics SRK2001 Datasheet HTML 13Page - STMicroelectronics SRK2001 Datasheet HTML 14Page - STMicroelectronics SRK2001 Datasheet HTML 15Page - STMicroelectronics SRK2001 Datasheet HTML 16Page - STMicroelectronics SRK2001 Datasheet HTML 17Page - STMicroelectronics SRK2001 Datasheet HTML 18Page - STMicroelectronics SRK2001 Datasheet HTML 19Page - STMicroelectronics SRK2001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Operation description
SRK2001
16/22
DocID027367 Rev 3
5.7.2
Automatic sleep mode function disabled
The EN pin is open and only a resistor is connected to the PROG pin, as indicated in
Figure 9: at the startup (with the external switch open) an internal pull-up allows the EN pin
voltage to increase above an internal threshold, where the automatic sleep mode function is
disabled and the configuration is internally stored. In this way the controller does not enter
the low consumption state when the conduction duty cycle reduces consequently to the
light-load operation.
It is worth noticing that, with automatic sleep mode function disabled, the SR controller can
still enter the low consumption mode, when it detects a half bridge converter stop
(i.e.: primary controller burst mode operation) or when the EN pin is pulled down by the user
(through a npn transistor like in Figure 9). After the primary side switching restarts or the EN
pin goes back high, the controller resumes the operation when it detects that the conduction
duty cycle has increased above the values in Table 8: the user can select the desired value
(internally stored during the startup phase) by a proper choice of the RPG resistor.
5.8
Layout guidelines
The GND pin is the return of the bias current of the device and the return for gate drive
currents: it should be routed to the common point where the source terminals of both
synchronous rectifier MOSFETs are connected. When laying out the PCB, care must be
taken in keeping the source terminals of both SR MOSFETs as close to one another as
possible and routing the trace that goes to GND separately from the load current return
path. This trace should be as short as possible and be as close to the physical source
terminals as possible. Doing the layout as more geometrically symmetrical as possible will
help make the circuit operation as much electrically symmetrical as possible.
Also drain-source voltage sensing should be done as physically close to the drain and
source terminals as possible in order to minimize the stray inductance involved by the load
current path that is in the drain-to-source voltage sensing circuit.
Table 7. Lookup table II: REN = 180 k
DOFF
DON
RPG
25%
75%
RPG = 0 k
70%
RPG = 100 
60%
RPG = 180 k
55%
RPG open
Table 8. Lookup table III: REN = open
DON_BM
RPG
80%
RPG = 0 
75%
RPG = 100 k
65%
RPG = 180 k
0%
RPG open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com