Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 4 Page - STMicroelectronics

  SRK2001 Datasheet HTML 1Page - STMicroelectronics SRK2001 Datasheet HTML 2Page - STMicroelectronics SRK2001 Datasheet HTML 3Page - STMicroelectronics SRK2001 Datasheet HTML 4Page - STMicroelectronics SRK2001 Datasheet HTML 5Page - STMicroelectronics SRK2001 Datasheet HTML 6Page - STMicroelectronics SRK2001 Datasheet HTML 7Page - STMicroelectronics SRK2001 Datasheet HTML 8Page - STMicroelectronics SRK2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Block diagrams and pin connections
SRK2001
4/22
DocID027367 Rev 3
Figure 3. Pin connections (top view)
Table 2. Pin functions
No. Name
Function
1VCC
Supply voltage of the device. A bypass capacitor to GND, located as close to IC's pins as possible,
helps to get a clean supply voltage for the internal control circuitry and acts as an effective energy
buffer for the pulsed gate drive currents.
2GND
Return of the device bias current and return of the gate drive currents. Route this pin to the common
point where the source terminals of both synchronous rectifier MOSFETs are connected.
3
(8)
GD1
(GD2)
Gate driver output for section 1 (2). Each totem pole output stage is able to drive power MOSFETs
with high peak current levels. To avoid excessive gate voltages in case the device is supplied with
a high VCC, the high level voltage of these pins is clamped to about 11 V or 5.5 V (typ. value),
depending on the selected part number, to allow for the proper driving of standard or logic level
MOSFETs. The pin has to be connected directly to the SR MOSFET gate terminal.
4
(7)
SVS1
(SVS2)
Source voltage sensing for section 1 (2): it is the reference voltage of the corresponding drain
sensing signal on the DVS1, 2 pin. These pins have to be connected directly to the respective source
terminals of the corresponding synchronous rectifier MOSFET.
5
(6)
DVS1
(DVS2)
Drain voltage sensing for section 1 (2). These pins have to be connected to the respective drain
terminals of the corresponding synchronous rectifier MOSFET using a series resistor at least of
100
.
9PROG
Programming pin for conduction duty cycle at sleep mode entering/exiting. A resistor connected from
this pin to GND, supplied by an internal precise current source, sets a voltage VPROG; depending on
this voltage level, during the startup phase, the user can chose, according to the application
requirements, the proper sleep mode or burst mode exiting the conduction duty cycle among the
ones contained into two internal lookup tables (the values are predefined inside Table 6 on page 15,
Table 7 on page 16 and Table 8 on page 16). See Table 5 or the proper choice of resistor value.
10
EN
Enable pin function with internal pull-up and current source capability:
– Automatic sleep mode function enable/disable: the sleep mode is disabled if the pin voltage is
detected above an internal threshold (VSM_off) during the startup phase.
– Remote ON/OFF: during run the mode, when the pin voltage is sensed below the internal
threshold VEN_OFF, the controller stops operating and enters a low consumption state; it resumes
the operation if the pin voltage surpasses the threshold VEN_ON.
– During the startup phase, the pin voltage level allows to select the predefined conduction duty
cycle for sleep mode entering. A resistor connected from this pin to GND, supplied by an internal
precise current source allows the user for this choice (two predefined values). See the Table 5 for
the proper choice of resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com