Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK2001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 5Page - STMicroelectronics SRK2001 Datasheet HTML 6Page - STMicroelectronics SRK2001 Datasheet HTML 7Page - STMicroelectronics SRK2001 Datasheet HTML 8Page - STMicroelectronics SRK2001 Datasheet HTML 9Page - STMicroelectronics SRK2001 Datasheet HTML 10Page - STMicroelectronics SRK2001 Datasheet HTML 11Page - STMicroelectronics SRK2001 Datasheet HTML 12Page - STMicroelectronics SRK2001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DocID027367 Rev 3
9/22
SRK2001
Operation description
22
5
Operation description
The device block diagram is shown in Figure 1 on page 3. The SRK2001 can be supplied
through the VCC pin by the same converter output voltage, within a wide voltage range
(from 4.5 V to 32 V), internally clamped to VCCZ (36 V typical). An internal UVLO
(undervoltage lockout) circuit with hysteresis keeps the device switched off at supply voltage
lower than the turn-on level VCC_On, with reduced consumption. After the startup, the
operation with VCC floating (or disconnected by supply voltage) while pins DVS1, 2 are
already switching is not allowed: this in order to avoid that a dV/dt on the DVS pin may
cause a high flowing current with possible damage of the IC.
The core of the device is the control logic block, implemented by asynchronous logic: this
digital circuit generates the logic signals to the output drivers, so that the two external power
MOSFETs are switched on and off, depending on the evolution of their drain-source
voltages, sensed on the DVS-SVS pin pairs through the comparators block.
The logic that controls the driving of the two SR MOSFETs is based on two gate driver state
machines working in parallel in an interlocked way to avoid switching on both gate drivers at
the same time. A third state machine manages the transitions from the normal operation to
the sleep mode and vice versa.
5.1
Drain voltage sensing
The SRK2001 basic operation is such that each synchronous rectifier MOSFET is switched
on whenever the corresponding transformer half-winding starts conducting (i.e.: when the
MOSFET body diode, or an external diode in parallel, starts conducting) and it is then
switched off when the flowing current approaches zero. To understand the polarity and the
level of this current, the IC is provided with two pairs of pins (DVS1 - SVS1 and DVS2 -
SVS2) that sense the drain-source voltage of either MOSFET (Kelvin sensing). In order to
limit dynamic current injection in any condition, at least 100
 resistors in series to DVS1, 2
pins must be used.
Referring to the typical waveforms in Figure 5, there are three significant voltage thresholds:
the first one, VTH_A (= 1.4 V), sensitive to positive-going edges, arms the opposite gate
driver (interlock function); the second one VTH_PT (= 0.7 V), sensitive to negative-going
edges provides a pre-trigger of the gate driver; the third one VTH-ON is the (negative)
threshold that triggers the gate driver as the body diode of the SR MOSFET starts
conducting.
5.2
Turn-on
The turn-on logic is such that each SR MOSFET is switched on when the sensed drain-
source voltage goes below the VTH_ON threshold: to avoid false triggering of the gate driver,
an adaptive masking delay TD_On is introduced. This delay assumes a minimum value at the
high load and increases with decreasing load levels. The aim of TD_On is to avoid
a premature turn-on at lower load conditions, triggered by capacitive currents (due to
secondary side parasitic) and not really related to the current flowing through the body
diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com