Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 3Page - STMicroelectronics SP1ML-915 Datasheet HTML 4Page - STMicroelectronics SP1ML-915 Datasheet HTML 5Page - STMicroelectronics SP1ML-915 Datasheet HTML 6Page - STMicroelectronics SP1ML-915 Datasheet HTML 7Page - STMicroelectronics SP1ML-915 Datasheet HTML 8Page - STMicroelectronics SP1ML-915 Datasheet HTML 9Page - STMicroelectronics SP1ML-915 Datasheet HTML 10Page - STMicroelectronics SP1ML-915 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID026906 Rev 4
7/27
SP1ML
Hardware specification
27
1.4
Current consumption
1.5
RF compliance limits
The RF compliance limits are those tested for FCC and CE certification. These limits are
enforced by the factory loaded firmware. Care must be taken with custom firmware to
ensure these limits are not exceeded, voiding the FCC and CE certification.
Table 4. Current consumption
Symbol
Parameter
Test conditions
Typ.
Unit
IDD
Supply current
Operating mode
Tx, +11 dBm, 2-FSK, 915 MHz
20
mA
Operating mode
Tx, -7 dBm, 2-FSK, 915 MHz
8mA
Operating mode
Rx, 915 MHz
13.5
mA
Command mode
2.2
mA
Standby
1.4
µA
Table 5. RF compliance limits
Modulation
Standards
Parameter
Max.
Unit
2-FSK
GFSK
MSK
FCC Part 15.207 (1)
FCC Part 15.247 (1)
EN 300 220-2 V2.4.1 (2)
EN 301 489-01 V1.9.2 (2)
EN 301 489-03 V1.4.1 (2)
Data rate
500
kbps
Output power
+11.6
dBm
OOK
ASK
FCC Part 15.207 (1)
FCC Part 15.249 (1)
EN 300 220-2 V2.4.1 (2)
EN 301 489-01 V1.9.2 (2)
EN 301 489-03 V1.4.1 (2)
Data rate
250
kbps
Output power
+8.5
dBm
1.
FCC standards are only applicable to the SP1ML-915 module.
2.
EN standards are only applicable to the SP1ML-868 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com