Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 11Page - STMicroelectronics SP1ML-915 Datasheet HTML 12Page - STMicroelectronics SP1ML-915 Datasheet HTML 13Page - STMicroelectronics SP1ML-915 Datasheet HTML 14Page - STMicroelectronics SP1ML-915 Datasheet HTML 15Page - STMicroelectronics SP1ML-915 Datasheet HTML 16Page - STMicroelectronics SP1ML-915 Datasheet HTML 17Page - STMicroelectronics SP1ML-915 Datasheet HTML 18Page - STMicroelectronics SP1ML-915 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID026906 Rev 4
15/27
SP1ML
Module operation
27
3
Module operation
The SP1ML module is provided with firmware that supports wireless serial cable
replacement. There are two operational modes, command mode and operating mode. The
command mode allows module configuration and status interrogation using an extended
‘AT’ style command set. In operating mode the module serves its primary purpose as a
wireless transceiver. Following power-up or reset, the module starts in operating mode with
the current configuration loaded from EEPROM.
3.1
Operating mode
In operating mode, data received from the host on the UART interface will be wirelessly
transmitted by the SPIRIT1 radio using the current configuration settings for frequency, data
rate, modulation and output power. Conversely, any data received by the SPIRIT1 that
meets the configured filtering criteria will be output to the UART interface.
Care must be taken to ensure that the escape sequence to enter command mode does not
occur in the data stream sent by the host to the UART interface.
3.2
Command mode
In command mode, the module will accept commands to configure module settings and
interrogate module status. To enter command mode, the ‘+++’ escape sequence is issued to
the module from operating mode. The escape sequence should be preceded by minimum
delay of 500 milliseconds where no other data is transmitted. The three ‘+’ characters of the
sequence must be sent within 500 milliseconds of each other. The module issues the
response ‘OK’ if command mode is entered successfully.
Commands issued to the module are in ‘AT’ style format, and use ASCII characters, starting
with ‘A’ and ‘T’, then one or more characters for the specific command, followed by any
additional command specific data and terminated with a carriage return <CR>.
The delay between each consecutive character of a command must be less than 8 seconds,
else the module will time out and discard any characters already received.
If the module receives an invalid command, it will send the ‘ERROR’ response. All
responses issued by the module are terminated with a line feed and carriage return,
<LF><CR>.
3.3
Command reference
Table 9: Command reference provides a summary of the AT commands available for
module configuration. A detailed description of each command is provided following the list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com