Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 4Page - STMicroelectronics SP1ML-915 Datasheet HTML 5Page - STMicroelectronics SP1ML-915 Datasheet HTML 6Page - STMicroelectronics SP1ML-915 Datasheet HTML 7Page - STMicroelectronics SP1ML-915 Datasheet HTML 8Page - STMicroelectronics SP1ML-915 Datasheet HTML 9Page - STMicroelectronics SP1ML-915 Datasheet HTML 10Page - STMicroelectronics SP1ML-915 Datasheet HTML 11Page - STMicroelectronics SP1ML-915 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Hardware specification
SP1ML
8/27
DocID026906 Rev 4
1.6
Pin assignment
Table 6. Pin assignment
Pin
Name
Type
Description
STM32L pin(1)
1
TXRXLED
O
Active low Tx/Rx LED drive(2)
PA2
2
SHDN
I
Shutdown
PA0
3
GPIO0
I/O
General purpose input/output 0(3)
PB15
4
GPIO1
I/O
General purpose input/output 1 (3)
PB14
5
MODE0
I
Protocol mode selection 0(2)
PB13
6
MODE1
I
Protocol mode selection 1(2)
PB12
7
VDD
Power
Supply input voltage
-
8
GND
Power
Ground
-
9
SWDIO
I/O
Serial wire I/O
PA13
10
SWCLK
I
Serial wire clock
PA14
11
BOOTMODE
I
Boot mode selection
BOOT0
12
RESET
I
Reset input, active low
NRST
13
TXD
O
UART transmit data
PA9
14
RXD
I
UART receive data
PA10
15
GPIO2
I/O
General input/output 2 (3)
PB6
16
GPIO3
I/O
General purpose input/output 3 (3)
PB7
1.
For further details, see the STM32L151RB datasheet, Pin descriptions section. Alternate functions of any given pin are
dependent on the user application firmware that is loaded into the module and is beyond the scope of this document.
2.
Refer to Hardware design section for details regarding TXRXLED and protocol mode selection.
3.
The GPIO signals are not used by the default firmware integrated in the module. They are accessible with user application
firmware. See note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com