Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 17Page - STMicroelectronics SP1ML-915 Datasheet HTML 18Page - STMicroelectronics SP1ML-915 Datasheet HTML 19Page - STMicroelectronics SP1ML-915 Datasheet HTML 20Page - STMicroelectronics SP1ML-915 Datasheet HTML 21Page - STMicroelectronics SP1ML-915 Datasheet HTML 22Page - STMicroelectronics SP1ML-915 Datasheet HTML 23Page - STMicroelectronics SP1ML-915 Datasheet HTML 24Page - STMicroelectronics SP1ML-915 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID026906 Rev 4
21/27
SP1ML
Module operation
27
3.5
Information registers
3.6
Example command sequence
Table 12 shows a typical command sequence to enter command mode, issue AT
commands to configure settings of the SPIRIT1 radio and then exit back to operating mode.
S27
Source_FILT_MASK
Address: An 8-bit source filter mask, used when source filtering is
enabled.
Values: Any 8-bit hexadecimal value.
Default: 0x00
S28
PAYLOAD_SIZE
Packet: Packet payload size in bytes.
Values: 1 to 96
Default: 32
Table 10. Configuration registers (continued)
#
Name
Description
Table 11. Information registers
#
Name
Description
I0
PER
Packet error rate (%).
I1
RSSI
Received signal strength indicator.
I2
LQI
Link quality indicator.
I3
PQI
Preamble quality indicator.
I4
SQI
Synchronization quality indicator.
I5
PACKET_COUNT
Count of packets received.
I6
PACKETS_LOST
Count of packets lost.
Table 12. Example configuration AT sequence
Host command
Module response
Description
+++
OK<LF><CR>
Escape sequence to put module into command mode
from operating mode.
ATS02=38400
OK<LF><CR>
Set the radio data rate to 38400 bps.
ATS03=2
OK<LF><CR>
Set the modulation scheme to GFSK1.
ATS04=+8
OK<LF><CR>
Set the output power to +8 dBm.
AT/C
OK<LF><CR>
Write configuration to EEPROM.
ATO
OK<LF><CR>
Return to operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com