Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 15Page - STMicroelectronics SP1ML-915 Datasheet HTML 16Page - STMicroelectronics SP1ML-915 Datasheet HTML 17Page - STMicroelectronics SP1ML-915 Datasheet HTML 18Page - STMicroelectronics SP1ML-915 Datasheet HTML 19Page - STMicroelectronics SP1ML-915 Datasheet HTML 20Page - STMicroelectronics SP1ML-915 Datasheet HTML 21Page - STMicroelectronics SP1ML-915 Datasheet HTML 22Page - STMicroelectronics SP1ML-915 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID026906 Rev 4
19/27
SP1ML
Module operation
27
S08
RSSI_THRESHOLD
Radio: Carrier sense RSSI threshold in dBm.
Values: -130 to -3
Default: -130
S09
PREAMBLE_LEN
Packet: Preamble length in bytes.
Values: 1 to 32 bytes.
Default: 8
S10
SYNC_LENGTH
Packet: Sync length in bytes.
Values: 1 to 4
Default: 4
S11
SYNC_VALUE
Packet: 32-bit sync value.
Values: Any 32-bit hexadecimal value.
Default: 0x88888888
S12
CRC_MODE
Packet: CRC mode.
Values:
1 = POLY_0x07
2 = POLY_0x8005
3 = POLY_0x1021
4 = POLY_0x864CFB
Default: 2
S13
WHITENING
Packet: Data whitening mode.
Values:
0 = Disabled
1 = Enabled
Default: 1
S14
FEC
Packet: Forward error correction.
Values:
0 = Disabled
1 = Enabled
Default: 0
S15
SOURCE_ADDR
Address: The 8-bit address for the module, used to indicate the
source of transmitted packets and for destination filtering of received
packets.
Values: Any 8-bit hexadecimal value.
Default: 0x00
S16
DESTINATION_ADDR
Address: The 8-bit destination address, used to indicate the
destination for transmitted packets and for source filtering of received
packets.
Values: Any 8-bit hexadecimal value.
Default: 0xff
S17
MULTICAST_ADDR
Address: The 8-bit multicast address, used for multicast filtering on
received packets.
Values: Any 8-bit hexadecimal value.
Default: 0xee
Table 10. Configuration registers (continued)
#
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com