Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 8Page - STMicroelectronics SP1ML-915 Datasheet HTML 9Page - STMicroelectronics SP1ML-915 Datasheet HTML 10Page - STMicroelectronics SP1ML-915 Datasheet HTML 11Page - STMicroelectronics SP1ML-915 Datasheet HTML 12Page - STMicroelectronics SP1ML-915 Datasheet HTML 13Page - STMicroelectronics SP1ML-915 Datasheet HTML 14Page - STMicroelectronics SP1ML-915 Datasheet HTML 15Page - STMicroelectronics SP1ML-915 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Hardware design
SP1ML
12/27
DocID026906 Rev 4
of minimal width traces from pins 1, 2, 3, 4, 13 and 14 of the module if these are used. It is
appropriate to place the module toward the edge of the PCB with no traces or ground planes
from the antenna to the board edge.
Figure 4. Layout guidelines
Application PCB
No copper on any layer surrounding antenna, except
minimal traces from pins 1,2,3,4,13 and14
Flooded ground plane required
(signal traces allowed)
min .
6 mm
min .
6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com