Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1ML-915 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SP1ML-915
Description  SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SP1ML-915 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SP1ML-915 Datasheet HTML 7Page - STMicroelectronics SP1ML-915 Datasheet HTML 8Page - STMicroelectronics SP1ML-915 Datasheet HTML 9Page - STMicroelectronics SP1ML-915 Datasheet HTML 10Page - STMicroelectronics SP1ML-915 Datasheet HTML 11Page - STMicroelectronics SP1ML-915 Datasheet HTML 12Page - STMicroelectronics SP1ML-915 Datasheet HTML 13Page - STMicroelectronics SP1ML-915 Datasheet HTML 14Page - STMicroelectronics SP1ML-915 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID026906 Rev 4
11/27
SP1ML
Hardware design
27
2.2
Typical application circuit
In a typical application the SP1ML module is connected to a host MCU using a standard
UART, with transmit and receive signals. This is illustrated in Figure 3.
Figure 3. Typical application circuit
Optional functionality
1.
When the TXRX_LED (S24) configuration register (see Table 10) is set to 1, the
TXRXLED signal is an active-low open drain output that can be used to drive an
external LED for status indication when data is sent or received.
2.
The MODE0 signal provides a hardware method for switching between command and
operating modes. The SHDN signal allows the module to be placed into a low power
shutdown mode and woken up again.
3.
The BOOTMODE AND RESET signals should be connected if module firmware will
need to be updated over the UART interface.
4.
To support custom module firmware, the serial wire debug signals need to be
accessible for programming and debugging.
2.3
Layout guidelines
The application PCB requires a flooded ground plane. Care must be taken to ensure there
are no traces or ground planes under the area surrounding the antenna, with the exception
SP1ML
MODULE
HOST
MCU
TXD
TXD
RXD
RXD
RTS
CTS
GPIO
GPIO
BOOTMODE
RESET
GPIO
GPIO
MODE0
SHDN
TXRXLED
1
2
3
VDD
RESET
SWCLK
SWDIO
4
SWD
HEADER
VDD
VDD
VDD
GND
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com