Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6699 Datasheet HTML 16Page - STMicroelectronics L6699 Datasheet HTML 17Page - STMicroelectronics L6699 Datasheet HTML 18Page - STMicroelectronics L6699 Datasheet HTML 19Page - STMicroelectronics L6699 Datasheet HTML 20Page - STMicroelectronics L6699 Datasheet HTML 21Page - STMicroelectronics L6699 Datasheet HTML 22Page - STMicroelectronics L6699 Datasheet HTML 23Page - STMicroelectronics L6699 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Application information
L6699
20/38
Doc ID 022835 Rev 2
the operating frequency is essentially determined by the current sunk by the optocoupler's
phototransistor.
During this frequency sweep phase the operating frequency decays following the
exponential charge of CSS: then, it initially changes relatively quickly but the rate of change
gets slower and slower. This counteracts the non-linear frequency dependence of the tank
circuit that makes the converter's input impedance change little as frequency is away from
resonance and change very quickly as frequency approaches resonance frequency (see
Figure 13).
As a result, the DC input current smoothly increases, without the peaking that occurs with
linear frequency sweep, and the output voltage reaches the regulated value with almost no
overshoot.
Typically, RSS and CSS is selected based on the following relationships:
Equation 5
where fstart is recommended to not be over 300 kHz. Please refer to the timing diagram of
Figure 20 to see some significant signals during the soft-start phase.
Figure 12.
Soft-start circuit
Figure 13.
Input impedance vs.
frequency curve in an LLC
resonant half bridge
SS
3
SS
min
start
min
SS
R
10
·
3
=
C
;
1
f
f
RF
=
R
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com