Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6699 Datasheet HTML 29Page - STMicroelectronics L6699 Datasheet HTML 30Page - STMicroelectronics L6699 Datasheet HTML 31Page - STMicroelectronics L6699 Datasheet HTML 32Page - STMicroelectronics L6699 Datasheet HTML 33Page - STMicroelectronics L6699 Datasheet HTML 34Page - STMicroelectronics L6699 Datasheet HTML 35Page - STMicroelectronics L6699 Datasheet HTML 36Page - STMicroelectronics L6699 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
L6699
Bootstrap section
Doc ID 022835 Rev 2
33/38
This concern applies to converters designed with a high resonance frequency (indicatively,
> 150 kHz), so that they run at high frequency also at full load. Otherwise, the converter runs
at high frequency at light load, where the current flowing in the MOSFETs of the half bridge
leg is low, so that, generally, a slight RDS(on) rise is not an issue. However, it is wise to check
this point anyway and the following equation is useful to estimate the drop on the bootstrap
driver:
Equation 14
where Qg is the gate charge of the external Power MOSFET, RDS(on) is the ON-resistance of
the bootstrap DMOS (150
Ω, typ.) and Tcharge is the ON-time of the bootstrap driver, which
equals about half the switching period minus the deadtime TD. For example, using a
MOSFET with a total gate charge of 30 nC, the drop on the bootstrap driver is about 3 V at a
switching frequency of 200 kHz and with a deadtime of 300 ns:
Equation 15
If a significant drop on the bootstrap driver is an issue, an external ultra-fast diode can be
used, therefore saving the drop on the RDS(on) of the internal DMOS. In this case it is also
recommended to add a small resistor (in the ten
Ω) in series to the diode to prevent the
bootstrap capacitor from being charged to a voltage exceeding the absolute maximum rating
(18 V), in case of significant negative spikes on the half bridge midpoint when the high-side
MOSFET turns off.
Figure 23.
Bootstrap supply: standard
circuit
Figure 24.
Bootstrap supply: internal
bootstrap synchronous diode
F
on
)
DS
(
e
arg
ch
g
F
on
)
DS
(
e
arg
ch
Drop
V
+
R
T
Q
=
V
+
R
I
=
V
V
6
.
2
=
6
.
0
+
150
10
·
3
.
0
10
·
5
.
2
10
·
30
=
V
6
6
9
Drop
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com