Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6699 Datasheet HTML 21Page - STMicroelectronics L6699 Datasheet HTML 22Page - STMicroelectronics L6699 Datasheet HTML 23Page - STMicroelectronics L6699 Datasheet HTML 24Page - STMicroelectronics L6699 Datasheet HTML 25Page - STMicroelectronics L6699 Datasheet HTML 26Page - STMicroelectronics L6699 Datasheet HTML 27Page - STMicroelectronics L6699 Datasheet HTML 28Page - STMicroelectronics L6699 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
L6699
Current sensing, OCP and OLP
Doc ID 022835 Rev 2
25/38
The ISEN pin, which is also able to withstand negative voltages, is internally connected to
the input of a first comparator, referenced to VISENx (0.8 V typ. 0.76 V min.), and to that of a
second comparator referenced to 1.5 V. The operation of the second comparator is
described later.
If the voltage externally applied to the pin by either circuit in
Figure 18 and 19 exceeds 0.8 V
the first comparator is tripped and this causes an internal switch to be turned on for 5 µs and
discharges the soft-start capacitor CSS (see Section 6.3: Safe-start procedure). This quickly
increases the oscillator frequency and thereby limits energy transfer. Under output short-
circuit conditions, this operation results in a peak primary current that periodically oscillates
below the maximum value allowed by the sense resistor Rs.
In the circuit shown in
Figure 18, Rs is placed directly in series to the resonant tank. Its
value can be determined using the equation:
Equation 7
where ICrpkx is the maximum expected peak current flowing through the resonant capacitor
and the primary winding of the transformer, which is related to the maximum load and the
minimum input voltage. The power dissipation in Rs can be approximately found with:
Equation 8
The circuit shown in
Figure 19 operates as a capacitive current divider; Cs is typically
selected equal to Cr/100 or less and is a low-loss type, and the sense resistor Rs is selected
as:
Equation 9
and the associated power dissipation is reduced by a factor (1+Cr/Cs). This circuit is then
recommended when the efficiency target is very high.
This OCP is effective in limiting primary-to-secondary energy flow in case of an overload or
an output short-circuit, but the output current through the secondary winding and rectifiers
under these conditions may be so high that it endangers converter safety if continuously
flowing. To prevent any damage it is customary to force the converter to work intermittently,
which brings the average output current to values such that the thermal stress for the
transformer and the rectifiers can be easily handled.
If intermittent operation upon overload or short-circuit is desired, the designer can program
externally the maximum time TSH that the converter is allowed to run under these
conditions. Overloads or short-circuits lasting less than TSH do not cause any other action,
Crpkx
I
76
.
0
=
Rs
Crp k x
Rs
I
·
4
.
0
P
)
(
Cs
C
+
1
·
I
77
.
0
=
Rs
r
Crpkx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com