Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6699 Datasheet HTML 25Page - STMicroelectronics L6699 Datasheet HTML 26Page - STMicroelectronics L6699 Datasheet HTML 27Page - STMicroelectronics L6699 Datasheet HTML 28Page - STMicroelectronics L6699 Datasheet HTML 29Page - STMicroelectronics L6699 Datasheet HTML 30Page - STMicroelectronics L6699 Datasheet HTML 31Page - STMicroelectronics L6699 Datasheet HTML 32Page - STMicroelectronics L6699 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
L6699
Capacitive-mode detection function
Doc ID 022835 Rev 2
29/38
4.
When either MOSFET is turned on, the other one can be parasitically turned on too, if
the current injected through its Cgd and flowing through the gate driver's pull-down is
large enough to raise the gate voltage close to the turn-on threshold This would be a
lethal shoot-through condition for the half bridge leg.
5.
The recovery of the body diodes generates large and energetic negative voltage spikes
because of the unavoidable parasitic inductance of the PCB subject to its di/dt. These
are coupled to the OUT pin and may damage the L6699.
6.
There is a large common-mode EMI generation that adversely affects EMC.
Resonant converters work in capacitive mode when their switching frequency falls below a
critical value that depends on the loading conditions and the input-to-output voltage ratio.
They are especially prone to enter capacitive-mode when the input voltage is lower than the
minimum specified and/or the output is overloaded or short-circuited. Designing a converter
so that it never works in capacitive-mode, even under abnormal operating conditions, is
definitely possible but this may pose unacceptable design constraints in some cases.
To prevent the severe drawbacks of capacitive-mode operation, while enabling a design that
needs to ensure inductive-mode operation only in the specified operating range, neglecting
abnormal operating conditions, the L6699 provides the capacitive-mode detection function.
The IC monitors the phase relationship between the tank current circuit sensed on the ISEN
pin and the voltage applied to the tank circuit by the half bridge, checking that the former
lags behind the latter (inductive-mode operation). If the phase-shift approaches zero, which
is indicative of impending capacitive-mode operation, the monitoring circuit activates the
OCP procedure (see
Section 8: Current sensing, OCP and OLP) so that the resulting
frequency rise keeps the converter away from that dangerous condition. Also in this case
the DELAY pin is activated, so that the OLP function, if used, is eventually tripped after a
time TSH causing intermittent operation and reducing thermal stress.
If the phase relationship reverses abruptly (which may happen in case of dead short at the
converter's output), the L6699 is stopped immediately, the soft-start capacitor CSS is totally
discharged and a new soft-start cycle is initiated after 50 µs idle time. During this idle period
the PFC_STOP pin is pulled low to stop the PFC stage as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com