Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 5 Page - STMicroelectronics

  L6699 Datasheet HTML 1Page - STMicroelectronics L6699 Datasheet HTML 2Page - STMicroelectronics L6699 Datasheet HTML 3Page - STMicroelectronics L6699 Datasheet HTML 4Page - STMicroelectronics L6699 Datasheet HTML 5Page - STMicroelectronics L6699 Datasheet HTML 6Page - STMicroelectronics L6699 Datasheet HTML 7Page - STMicroelectronics L6699 Datasheet HTML 8Page - STMicroelectronics L6699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
L6699
Electrical ratings
Doc ID 022835 Rev 2
5/38
2
Electrical ratings
3
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VBOOT
16
Floating supply voltage (Ileak ≤ 5µA)
-1 to 618
V
HVG
15
HVG voltage
VOUT -0.3 to VBOOT +0.3
V
VOUT
14
Floating ground voltage
-3 up to a value included
in the range VBOOT -18
and VBOOT
V
dVOUT /dt
14
Floating ground max. slew rate
50
V/ns
VCC
12
IC supply voltage (Icc
≤ 25 mA)
Self-limited
V
LVG
11
LVG voltage
-0.3 to VCC +0.3
V
VPFC_STOP
9
Maximum voltage (pin open)
-0.3 to VCC
V
IPFC_STOP
9
Maximum sink current (pin low)
Self-limited
A
VLINEmax
7
Maximum pin voltage (Ipin
≤ 1 mA)
Self-limited
V
IRFmin
4
Maximum source current
2
mA
VISEN
6
Current sense voltage
-3 to 5
V
---
1 to 5,
8
Analog inputs & outputs voltage
-0.3 to 5
V
Tj
---
Junction temperature operating range
-40 to 150
°C
Tstg
---
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Max. thermal resistance, junction-to-ambient (SO16N)
120
°C/W
Ptot
Power dissipation @tamb = 50 °C (SO16N)
0.83
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com