Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 4 Page - STMicroelectronics

  L6699 Datasheet HTML 1Page - STMicroelectronics L6699 Datasheet HTML 2Page - STMicroelectronics L6699 Datasheet HTML 3Page - STMicroelectronics L6699 Datasheet HTML 4Page - STMicroelectronics L6699 Datasheet HTML 5Page - STMicroelectronics L6699 Datasheet HTML 6Page - STMicroelectronics L6699 Datasheet HTML 7Page - STMicroelectronics L6699 Datasheet HTML 8Page - STMicroelectronics L6699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Description
L6699
4/38
Doc ID 022835 Rev 2
1
Description
The L6699 is a double-ended controller specific to series-resonant half bridge topology.
Both LLC and LCC configurations are supported. It provides symmetrical complementary
duty cycle: the high-side switch and the low-side switch are driven ON/OFF 180° out-of-
phase for exactly the same time. Output voltage regulation is obtained by modulating the
operating frequency. The deadtime inserted between the turn-off of one switch and the turn-
on of the other one is automatically adjusted to best fit the transition times of the half bridge
midpoint. To drive the high-side switch with the bootstrap approach, the IC incorporates a
high voltage floating structure able to withstand more than 600 V with a synchronous-driven
high voltage DMOS that replaces the external fast-recovery bootstrap diode.
The IC enables the user to set the operating frequency range of the converter by means of a
high-accuracy externally programmable oscillator.
At startup, in addition to the traditional frequency-shift soft-start (the switching frequency
starts from a preset maximum value and then decays as far as the steady-state value
determined by the control loop), a proprietary circuit controls the half bridge to prevent hard-
switching from occurring in the initial cycles because of the unbalance in the V·s applied to
the transformer.
At light load the IC can be forced to enter a controlled burst-mode operation that keeps the
converter input consumption as low as possible.
IC protection functions include a current sense input for OCP with frequency shift and
delayed shutdown with automatic restart. Fast shutdown with automatic restart occurs if this
first-level protection cannot control the primary current. Additionally, the IC prevents the
converter from working in or too close to the capacitive mode, to guarantee soft-switching. A
latched disable input (DIS) can be used to implement OTP and/or OVP. The combination of
these protection features offers the highest degree of safety.
Other functions include a not-latched active-low disable input with current hysteresis, useful
for power sequencing or for brownout protection, and an interface with the PFC controller
that enables the switching-off of the pre-regulator during fault conditions or during burst-
mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com