Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6699
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6699 Datasheet HTML 18Page - STMicroelectronics L6699 Datasheet HTML 19Page - STMicroelectronics L6699 Datasheet HTML 20Page - STMicroelectronics L6699 Datasheet HTML 21Page - STMicroelectronics L6699 Datasheet HTML 22Page - STMicroelectronics L6699 Datasheet HTML 23Page - STMicroelectronics L6699 Datasheet HTML 24Page - STMicroelectronics L6699 Datasheet HTML 25Page - STMicroelectronics L6699 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Operation at no load or very light load
L6699
22/38
Doc ID 022835 Rev 2
Equation 6
Note that, unlike the fmax considered in the Section 6.1: Oscillator, here fmax is associated to
some load PoutB greater than the minimum one. PoutB is normally such that the
transformer's peak currents are low enough not to cause audible noise.
The resonant converter's switching frequency, however, depends also on the input voltage;
so, in case there is quite a large input voltage range, with the circuit of
Figure 14 the value of
PoutB would change considerably. In this case it is recommended to use the arrangement
shown in
Figure 15, where the information on the converter's input voltage is added to the
voltage applied to the STBY pin. Due to the strongly non-linear relationship between
switching frequency and input voltage, it is more practical to find empirically the right amount
of correction RA / (RA + RB) needed to minimize the change in PoutB. Take care in choosing
the total value RA + RB much greater than RL to minimize the effect on the LINE pin voltage
(see
Section 10: Line sensing function).
Figure 16.
Load-dependent operating modes: timing diagram
Whichever circuit is in use, its operation can be described as follows. As the load falls below
the value PoutB the frequency tries to exceed the maximum programmed value fmax and the
voltage on the STBY pin (VSTBY) goes below 1.26 V. The IC then stops with both gate-drive
outputs low, so that both MOSFETs of the half bridge leg are in the OFF-state. The voltage
VSTBY now increases as a result of the feedback reaction to the energy delivery stop and, as
it exceeds 1.29 V, the IC restarts switching. After a while, VSTBY goes down again in
response to the energy burst and stops the IC. In this way the converter works in a burst-
mode fashion with a nearly constant switching frequency. A further load decrease then
increases the time between consecutive bursts and/or reduces the duration of each burst.
This reduces the average switching frequency, which can go down even to few hundred
hertz. The timing diagram of
Figure 16 illustrates this kind of operation, showing the most
significant signals. A small capacitor (typically in the hundred pF) from the STBY pin to
ground, placed as close to the IC as possible to reduce switching noise pick-up, helps obtain
clean operation.
1
f
f
RF
·
8
3
=
RF
-
min
max
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com