Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 4Page - STMicroelectronics L6699D Datasheet HTML 5Page - STMicroelectronics L6699D Datasheet HTML 6Page - STMicroelectronics L6699D Datasheet HTML 7Page - STMicroelectronics L6699D Datasheet HTML 8Page - STMicroelectronics L6699D Datasheet HTML 9Page - STMicroelectronics L6699D Datasheet HTML 10Page - STMicroelectronics L6699D Datasheet HTML 11Page - STMicroelectronics L6699D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Pin connections
L6699
8/38
Doc ID 022835 Rev 2
Figure 3.
Typical system block diagram
10
GND
Chip ground. Current return for both the low-side gate-drive current and the
bias current of the IC. All of the ground connections of the bias components
should be tied to a track going to this pin and kept separate from any pulsed
current return.
11
LVG
Low-side gate-drive output. The driver is capable of 0.3 A min. source and 0.8 A
min. sink peak current to drive the lower MOSFET of the half bridge leg. The pin
is actively pulled to GND during UVLO.
12
VCC
Supply voltage of both the signal part of the IC and the low-side gate driver.
Sometimes a small bypass capacitor (0.1 µF typ.) to GND may be useful to
obtain a clean bias voltage for the signal part of the IC.
13
N.C.
High voltage spacer. The pin is not internally connected to isolate the high
voltage pin and ease compliance with safety regulations (creepage distance) on
the PCB.
14
OUT
High-side gate-drive floating ground. Current return for the high-side gate-drive
current. Lay out the connection of this pin carefully to avoid too large spikes
below ground.
15
HVG
High-side floating gate-drive output. The driver is capable of 0.3 A min. source
and 0.8 A min. sink peak current to drive the upper MOSFET of the half bridge
leg. A resistor internally connected to pin 14 (OUT) ensures that the pin is not
floating during UVLO.
16
VBOOT
High-side gate-drive floating supply voltage. The bootstrap capacitor connected
between this pin and pin 14 (OUT) is fed by an internal synchronous bootstrap
diode driven in-phase with the low-side gate-drive. This patented structure
replaces the normally used external diode.
Table 4.
Pin functions (continued)
N.
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com