Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 22Page - STMicroelectronics L6699D Datasheet HTML 23Page - STMicroelectronics L6699D Datasheet HTML 24Page - STMicroelectronics L6699D Datasheet HTML 25Page - STMicroelectronics L6699D Datasheet HTML 26Page - STMicroelectronics L6699D Datasheet HTML 27Page - STMicroelectronics L6699D Datasheet HTML 28Page - STMicroelectronics L6699D Datasheet HTML 29Page - STMicroelectronics L6699D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Current sensing, OCP and OLP
L6699
26/38
Doc ID 022835 Rev 2
therefore providing the system with immunity to short duration phenomena. If, instead, TSH
is exceeded, an overload protection (OLP) procedure is activated that shuts down the L6699
and, in case of continuous overload/short-circuit, results in continuous intermittent operation
with a user-defined duty cycle.
This function is realized on pin 2 (DELAY), with a capacitor CDelay and a parallel resistor
RDelay connected to ground. As the voltage on the ISEN pin exceeds 0.8 V, the first OCP
comparator, in addition to turning on the switch that discharges CSS, turns on a current
generator that sources 350 µA for 50 µs from the DELAY pin and charges CDelay. During an
overload/short-circuit the OCP comparator and the internal current source is repeatedly
activated and CDelay is charged with an average current depending essentially on CSS, RSS,
the characteristics of the resonant circuit, and the short-circuit impedance; the discharge
due to RDelay is negligible because the associated time constant is typically much longer.
This operation continues until the voltage on CDelay, V(DELAY), reaches 2 V, which defines
the time TSH, or until the overload/short-circuit disappears, whichever occurs first. There is
not a simple relationship that links TSH to CDelay, so it is more practical to determine CDelay
experimentally. As a rough indication, using 1 µF for CDelay, TSH should be around 100 ms in
case of a dead short on the output.
In the case of an overload lasting less than TSH, CDelay is no longer charged, so its voltage
decays with the time constant CDelay·RDelay. Note that the value of TSH for the next overload
is shorter if this occurs before CDelay is totally discharged. If, on the other hand, it is charged
up to 2 V, the internal switch that discharges CSS is continuously turned on, the PFC_STOP
pin is pulled low, and the 350 µA current source is forced continuously on until V(DELAY)
reaches 3.5 V. This phase lasts:
Equation 10
with TMP expressed in ms and CDelay in µF. During this time the L6699 runs at a frequency
close to fstart (see Section 6.3: Safe-start procedure) to minimize the energy inside the
resonant circuit. As V(DELAY) equals 3.5 V, the L6699 stops switching and the internal 350
µA generator is turned off, so that CDelay is slowly discharged by RDelay. The IC restarts
when V(DELAY) falls below 0.3 V, which takes:
Equation 11
The timing diagram of
Figure 20 shows this operation. Note that if during TSTOP the supply
voltage of the L6699 (VCC) falls below the UVLO threshold the IC records the event and
does not restart immediately after VCC exceeds the startup threshold, if V(DELAY) is still
higher than 0.3 V. Also the PFC_STOP pin stays low as long as V(DELAY) is greater than
0.3 V.
De lay
MP
C
·
3
.
4
T
≈
Delay
Delay
Delay
Delay
STOP
C
·
R
·
4
.
2
ln
·
C
·
R
=
T
33
.
0
5
.
3
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com