Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 5Page - STMicroelectronics L6699D Datasheet HTML 6Page - STMicroelectronics L6699D Datasheet HTML 7Page - STMicroelectronics L6699D Datasheet HTML 8Page - STMicroelectronics L6699D Datasheet HTML 9Page - STMicroelectronics L6699D Datasheet HTML 10Page - STMicroelectronics L6699D Datasheet HTML 11Page - STMicroelectronics L6699D Datasheet HTML 12Page - STMicroelectronics L6699D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
L6699
Electrical data
Doc ID 022835 Rev 2
9/38
5
Electrical data
Tj = -25 to +125 °C, VCC = 15 V, VBOOT = 15 V, CHVG = CLVG = 1 nF; CF = 470 pF;
RFmin = 12 KΩ; unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Ic supply voltage
VCC
Operating range
After device turn-on
8.85
16
V
VCCOn
Turn-on threshold
Voltage rising
10
10.7
11.4
V
VCCOff
Turn-off threshold
Voltage falling
7.45
8.15
8.85
V
Hys
Hysteresis
2.55
V
VZ
VCC clamp voltage
Iclamp = 15 mA
16
17
17.9
V
Supply current
Istart-up
Startup current
Before device turn-on
VCC = VCCOn - 0.2 V
250
300
µA
Iq
Quiescent current
Device on, VSTBY = 1 V
1
1.3
mA
Iop
Operating current
Device on, VSTBY = VRFmin
34.1
mA
Iq
Residual consumption
VDIS>1.92 V or VDELAY>3.65 V or
VLINE<1.2 V
400
500
µA
High-side floating gate-drive supply
RDS(on)
Synchronous bootstrap diode
ON-resistance
VLVG = high
150
Overcurrent comparator
IISEN
Input bias current
VISEN = 0 to VISENdis
-1
µA
VISENx
Frequency shift threshold
Voltage rising (1)
0.76
0.80
0.84
V
VISENdis
Immediate stop threshold
Voltage rising (1)
1.43
1.5
1.55
V
Line sensing
VLINE
Threshold voltage
Voltage rising or falling (1)
1.18
1.22
1.26
V
IHys
Current hysteresis
VLINE = 1.2 V
101316
µA
Vclamp
Clamp level
ILINE = 1 mA
6
V
Latched disable function
IDIS
Input bias current
VDIS = 0 to 1.92 V
-1
µA
VDIS
Disable threshold
Voltage rising (1)
1.78
1.85
1.92
V
Oscillator
fosc
Oscillation frequency
58.2
60
61.8
kHz
RRFmin = 2.7 kΩ
225
235
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com