Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 13Page - STMicroelectronics L6699D Datasheet HTML 14Page - STMicroelectronics L6699D Datasheet HTML 15Page - STMicroelectronics L6699D Datasheet HTML 16Page - STMicroelectronics L6699D Datasheet HTML 17Page - STMicroelectronics L6699D Datasheet HTML 18Page - STMicroelectronics L6699D Datasheet HTML 19Page - STMicroelectronics L6699D Datasheet HTML 20Page - STMicroelectronics L6699D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
L6699
Application information
Doc ID 022835 Rev 2
17/38
There are three contributors to TD:
The turn-off delay tOFF of the Power MOSFET, which depends on the input
characteristics of the specific MOSFET and the speed its gate is driven
The transition time TT the half bridge midpoint takes for a rail-to-rail swing
The detection time tdet that elapses from the end of the half bridge midpoint swing to
the gate-drive signal of the other MOSFET going high; this includes the detection time
as well as the propagation delay along the downstream logic circuitry up to the driver
output.
It is important to point out that the value of TD_MIN specified in the electrical characteristics
is essentially tdet: therefore the minimum observable TD is always longer. TD_MAX, on the
other hand, is counted starting from the negative-going edge of the gate-drive signal, so it
actually fixes a maximum limit for TD: TD ≤ TD_MAX.
Finally, it is worth stating that the adaptive deadtime function does not significantly increase
efficiency by itself. It is a degree of freedom that must be exploited for this purpose when
designing the resonant tank. Essentially, it allows the use of a higher magnetizing
inductance in the transformer, which minimizes the magnetizing current and, then, the
conduction losses associated to it. Additionally, this may reduce the switched current IS to
the minimum required to achieve soft-switching, therefore reducing turn-off switching losses
in MOSFETs. Efficiency at medium and light load greatly benefits from this optimization.
6.3
Safe-start procedure
In the L6699 a new startup procedure, termed “safe-start”, has been implemented to
prevent loss of soft-switching during the initial switching cycles, which is not 100%
guaranteed by the usual soft-start procedure.
Sweeping the operating frequency from an initial high value, that should not exceed
300 kHz, down to the point where the control loop takes over, which is commonly referred to
as soft-start, has a twofold benefit. On the one hand, since the deliverable power depends
inversely on frequency, it progressively increases the converter's power capability, therefore
avoiding excessive inrush current. On the other hand, it makes the converter initially work at
frequencies higher than the upper resonance frequency of the LLC tank circuit, which
ensures inductive-mode operation (i.e. with the tank current lagging the square wave
voltage generated by the half bridge) and, therefore, soft-switching.
However, the last statement is true under a quasi-static approximation, i.e. when the
operating point of the resonant tank is slowly varying around a steady-state condition. This
approximation is not correct during the very first switching cycles of the half bridge, where
the initial conditions of the tank circuit can be away from those under steady-state.
Therefore, hard-switching is possible during the transient period needed to reach the slowly
varying steady-state condition dictated by the soft-start action. A non-zero initial voltage on
the resonant capacitor Cr and transformer flux imbalance during the previously mentioned
transient period are the possible causes of hard-switching in the initial cycles.
In high voltage half bridge controllers it is customary to start the switching activity by turning
on the low-side MOSFET for a preset time to pre-charge the bootstrap capacitor (see
Section 12: Bootstrap section) and ensure proper driving of the high-side MOSFET from the
first cycle. In traditional controllers, normal switching starts right at the end of the pre-charge
time, as shown in the left-hand image in
Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com