Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 23Page - STMicroelectronics L6699D Datasheet HTML 24Page - STMicroelectronics L6699D Datasheet HTML 25Page - STMicroelectronics L6699D Datasheet HTML 26Page - STMicroelectronics L6699D Datasheet HTML 27Page - STMicroelectronics L6699D Datasheet HTML 28Page - STMicroelectronics L6699D Datasheet HTML 29Page - STMicroelectronics L6699D Datasheet HTML 30Page - STMicroelectronics L6699D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
L6699
Current sensing, OCP and OLP
Doc ID 022835 Rev 2
27/38
Figure 20.
Soft-start and delayed shutdown upon overcurrent timing diagram (safe-
start details are not shown)
In applications where continuous operation of the converter is needed even under overload
conditions, the delayed shutdown function can be disabled by simply grounding the DELAY
pin.
If the voltage on the ISEN pin reaches 1.5 V, the second comparator is triggered. Switching
is stopped immediately and both the internal switch that discharges CSS and the 350 µA
current source on the DELAY pin are forced continuously on. As V(DELAY) equals 3.5 V the
350 µA generator is turned off, so that CDelay is slowly discharged by RDelay. The L6699
restarts when V(DELAY) falls below 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com