Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 9Page - STMicroelectronics L6699D Datasheet HTML 10Page - STMicroelectronics L6699D Datasheet HTML 11Page - STMicroelectronics L6699D Datasheet HTML 12Page - STMicroelectronics L6699D Datasheet HTML 13Page - STMicroelectronics L6699D Datasheet HTML 14Page - STMicroelectronics L6699D Datasheet HTML 15Page - STMicroelectronics L6699D Datasheet HTML 16Page - STMicroelectronics L6699D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
L6699
Application information
Doc ID 022835 Rev 2
13/38
6.1
Oscillator
The oscillator is programmed externally by means of a capacitor (CF), connected from pin 3
(CF) to ground, that is alternately charged and discharged by the current defined with the
network connected to pin 4 (RFmin). The pin provides an accurate 2 V reference with about
2 mA source capability; the higher the current sourced by the pin, the higher the oscillator
frequency. The block diagram of
Figure 5 shows a simplified internal circuit that explains the
operation.
The network that loads the RFmin pin generally comprises three branches:
1.
a resistor RFmin connected between the pin and ground that determines the minimum
operating frequency.
2.
a resistor RFmax connected between the pin and the collector of the (emitter-
grounded) phototransistor that transfers the feedback signal from the secondary side
back to the primary side; while in operation, the phototransistor modulates the current
through this branch - therefore modulating the oscillator frequency - to perform output
voltage regulation; the value of RFmax determines the maximum frequency the half
bridge is operated at when the phototransistor is fully saturated.
3.
an R-C series circuit (CSS+ RSS) connected between the pin and ground that enables
the setting up of a frequency shift at startup (see
Section 6.3: Safe-start procedure).
Note that the contribution of this branch is zero during steady-state operation.
Figure 5.
Oscillator's internal block diagram
The following approximate relationships hold for the minimum and the maximum oscillator
frequency respectively:
Equation 1
()
max
min
max
min
min
RF
//
RF
·
CF
·
3
1
=
f
;
RF
·
CF
·
3
1
=
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com