Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6699D Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 28Page - STMicroelectronics L6699D Datasheet HTML 29Page - STMicroelectronics L6699D Datasheet HTML 30Page - STMicroelectronics L6699D Datasheet HTML 31Page - STMicroelectronics L6699D Datasheet HTML 32Page - STMicroelectronics L6699D Datasheet HTML 33Page - STMicroelectronics L6699D Datasheet HTML 34Page - STMicroelectronics L6699D Datasheet HTML 35Page - STMicroelectronics L6699D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Latched shutdown
L6699
32/38
Doc ID 022835 Rev 2
11
Latched shutdown
The L6699 is equipped with a comparator having the non-inverting input externally available
on pin 8 (DIS) and with the inverting input internally referenced to 1.85 V. As the voltage on
the pin exceeds the internal threshold, the IC is immediately shut down, the PFC_STOP pin
is asserted low and the quiescent consumption reduced to a low value. The information is
latched and it is necessary to let the voltage on the VCC pin go below the UVLO threshold to
reset the latch, de-assert the pin PFC_STOP, and restart the IC.
This function is useful to implement a latched overtemperature protection very easily by
biasing the pin with a divider from an external reference voltage (e.g. pin 4, RFmin), where
the upper resistor is an NTC physically located close to a heating element like the MOSFET,
or a secondary diode or the transformer.
An OVP can be implemented as well, e.g. by sensing the output voltage and transferring an
overvoltage condition via an optocoupler. A latch-mode OCP protection can be implemented
by connecting this pin to DELAY (pin 2).
12
Bootstrap section
The supply of the floating high-side section is obtained by means of a bootstrap circuitry.
This solution normally requires a high voltage fast-recovery diode (DBOOT, Figure 23) to
charge the bootstrap capacitor CBOOT. In the L6699 a patented integrated structure,
replaces this external diode. It is realized by means of a high voltage DMOS, working in the
third quadrant and driven synchronously with the low-side driver (LVG), with a diode in
series to the source, as shown in
Figure 24.
The diode prevents that any current can flow from the VBOOT pin back to VCC if the supply is
quickly turned off when the internal capacitor of the pump is not fully discharged. To drive
the synchronous DMOS, a voltage higher than the supply voltage VCC is necessary. This
voltage is obtained by means of an internal charge pump (
Figure 24).
The bootstrap structure introduces a voltage drop while recharging CBOOT (i.e. when the low
side driver is on), which increases with the operating frequency and with the size of the
external Power MOSFET. It is the sum of the drop across the RDS(on) and the forward drop
across the series diode. At low frequency this drop is very small and can be neglected but,
as the operating frequency increases, it must be taken into account. In fact, the drop
reduces the amplitude of the driving signal and can significantly increase the RDS(on) of the
external high-side MOSFET and then its conductive loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com