Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 2Page - STMicroelectronics PM8908TR Datasheet HTML 3Page - STMicroelectronics PM8908TR Datasheet HTML 4Page - STMicroelectronics PM8908TR Datasheet HTML 5Page - STMicroelectronics PM8908TR Datasheet HTML 6Page - STMicroelectronics PM8908TR Datasheet HTML 7Page - STMicroelectronics PM8908TR Datasheet HTML 8Page - STMicroelectronics PM8908TR Datasheet HTML 9Page - STMicroelectronics PM8908TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Pin description and connection diagrams
PM8908
6/28
DocID027688 Rev 3
2
Pin description and connection diagrams
Figure 4. Pin connection (top view)
Pin description
1
2
3
4
PM8908
PGND
VIN
PHASE
12
15
14
13
18
19
16
17
10
9
8
7
5
11
6
20
PGND
PGND
VIN
PHASE
PHASE
PHASE
PHASE
Table 2. Pin description
Pin
Function
No.
Name
1
PGND
Power ground connection, connected to the embedded low-side MOSFET
source. Connect to the PGND PCB plane. See Figure 1.
2
3
4
VIN
Power input voltage, connected to the embedded high-side MOS drain.
Supply range is from 1 V to 3.5 V. Bypass VIN pins to PGND pins close to the
IC package with high quality MLCC capacitors. See Figure 1.
5
6GND
All the internal references are referred to this pin. Connect to the PCB signal
ground.
7REF
Reference output.
Connect a 1
F MLCC capacitor to GND. See Figure 1.
8COMP
Error amplifier output.
Connect with RF - CF to the REF pin for loop compensation. See Figure 1.
9REFIN
Reference input.
Apply a voltage between 0.5 to 2.0 V. Filter with at least 0.01
F MLCC
capacitors to GND.
10
VOUT
Output voltage sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com