Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 12Page - STMicroelectronics PM8908TR Datasheet HTML 13Page - STMicroelectronics PM8908TR Datasheet HTML 14Page - STMicroelectronics PM8908TR Datasheet HTML 15Page - STMicroelectronics PM8908TR Datasheet HTML 16Page - STMicroelectronics PM8908TR Datasheet HTML 17Page - STMicroelectronics PM8908TR Datasheet HTML 18Page - STMicroelectronics PM8908TR Datasheet HTML 19Page - STMicroelectronics PM8908TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Device description
PM8908
16/28
DocID027688 Rev 3
Figure 7. PM8908 startup time diagram
Soft-off
The PM8908 implements the soft-off sequence turning off both the HS and LS MOSFETs
and connecting the integrated discharge resistor (47
) between the PHASE and PGND
pin.
The PM8908 begins the soft-off sequence, and remains in a latched state, if one of the
following conditions occurs:
VCC voltage falls below UVLO threshold
OVP (overvoltage protection)
UVP (undervoltage protection)
EN pin is pulled low.
The cycling VCC and EN the IC recover from the latched state with a new soft-start
sequence.
5.4
Output voltage monitoring and protection
The PM8908 monitors the output voltage status through the VOUT pin and compares the
voltage on this pin with the REFIN voltage in order to provide over and undervoltage
protection as well as the PGOOD signal.
5.4.1
Overvoltage protection
Overvoltage protection is active as soon as the device is enabled, the VCC is above the
respective undervoltage lockout level and REFIN is higher than 300 mV.
t
dc= 550 us(typ)
PM8908
Latches UVP
0
PM8908 will not perform any
SS by itself but will follow
REFIN as it is observable on
REFIN pin. REFIN need to
have an external SS.
t
d=750 us(typ)
Case 1
Case 3
Case 2
9 ms(typ)
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com