Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 9Page - STMicroelectronics PM8908TR Datasheet HTML 10Page - STMicroelectronics PM8908TR Datasheet HTML 11Page - STMicroelectronics PM8908TR Datasheet HTML 12Page - STMicroelectronics PM8908TR Datasheet HTML 13Page - STMicroelectronics PM8908TR Datasheet HTML 14Page - STMicroelectronics PM8908TR Datasheet HTML 15Page - STMicroelectronics PM8908TR Datasheet HTML 16Page - STMicroelectronics PM8908TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID027688 Rev 3
13/28
PM8908
Device description
28
5
Device description
The PM8908 is a high efficiency synchronous step-down monolithic switching regulator
capable to deliver or sink the current.
The power input voltage (VIN) can range from 1 V to 3.5 V, the signal input voltage (VCC)
can range from 4.5 V to 5.5 V.
The output voltage is regulated to the REFIN voltage which comes from an external
reference voltage. The output voltage accuracy is better than ±
1% over the line, load and
temperature.
The PM8908 embeds low RDS(on) N-channel MOSFETs for both HS (high-side) and LS (low-
side).
The high-switching frequency selectable in two values - 600 kHz or 1 MHz and the small
package allows very compact VR solutions.
In the COT the tON is function of VIN, VOUT and switching frequency (fSW), as shown
in Equation 1:
Equation 1
The PM8908 features a full set of protections and output voltage monitoring:
Precise and accurate overcurrent limit (internally compensated against temperature
variations)
Over and undervoltage protection
Overtemperature protection
Undervoltage lockout on analog supply (VCC)
Power Good open drain output easily provides real-time information about the output
voltage.
The dedicated ENABLE pin (EN) offers easy control on the power sequencing. Forcing the
EN low, the device enters the shutdown state and absorbs a total quiescent current from
VCC and VIN less than 15 µA.
5.1
Power section
The PM8908 integrates two low RDS(on) N-channel MOSFETs as low-side and high-side
switches, optimized for fast switching transition and high efficiency over the entire load
range.
The HS MOSFET drain is connected to the VIN pins (power input), the LS MOSFET source
is connected to the PGND pins (power ground), and the HS MOSFET source and LS
MOSFET drain are connected together and to the PHASE pins (see Figure 1 on page 4).
The driving section is supplied from the VCC pins that assure the proper driving voltage
over all the VIN range.
t
ON
V
OUT
V
IN
f
SW
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com