Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 10Page - STMicroelectronics PM8908TR Datasheet HTML 11Page - STMicroelectronics PM8908TR Datasheet HTML 12Page - STMicroelectronics PM8908TR Datasheet HTML 13Page - STMicroelectronics PM8908TR Datasheet HTML 14Page - STMicroelectronics PM8908TR Datasheet HTML 15Page - STMicroelectronics PM8908TR Datasheet HTML 16Page - STMicroelectronics PM8908TR Datasheet HTML 17Page - STMicroelectronics PM8908TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Device description
PM8908
14/28
DocID027688 Rev 3
To properly supply the power section is advised following:
Bypass VIN pins to PGND pins as close as possible to the IC package with high quality
MLCC capacitors.
Connect the bootstrap capacitor (typically a 100 nF ceramic capacitor rated to stand
VIN voltage) from the BOOT pin to the PHASE pin to supply the HS driver.
Caution:
Do not connect an external bootstrap diode. The IC already integrates an active bootstrap
switch to charge the bootstrap capacitor, saving the cost of this external component.
The PM8908 embodies the anti shoot-through and adaptive deadtime control to minimize
low-side body diode conduction time and consequently to reduce power losses:
When the gate driving voltage of the HS drops (to check high-side MOSFET turn-off),
the LS MOSFET is suddenly switched on
When the gate driving voltage of the LS drops (to check low-side MOSFET turn-off),
the HS MOSFET is suddenly switched on.
5.2
Device configuration
The PM8908 has a programming pin - MODE (pin 18) - which allows choosing the regulator
switching frequency and the OCL threshold. This programming feature is performed by
selecting the proper resistor, to be mounted between the pin 18 to ground, as summarized
in Table 6.
Note:
The MODE pin must not be left floating.
5.3
Startup and shutdown management
The IC monitors the supply voltage on the VCC pin. Once VCC voltage is above the UVLO
(undervoltage lockout) threshold and the EN pin is above the turn-on threshold:
If the IC is configured for tracking application (see Figure 2 on page 4), the output
voltage is regulated to the REFIN voltage. In order to discriminate between the non-
tracking and the tracking, there is a delay time of 750
s required between the EN or
the VCC UVLO threshold and REFIN voltage. REFIN voltage must be applied within 9
ms (typ.) from the EN high (see Figure 5).
If the IC is configured for non-tracking application, the output voltage is regulated to the
REFIN voltage, and the device provides a precise 2.4 ms soft-start time (see Figure 6).
The power input (VIN) does not have a undervoltage protection function.
Table 6. Switching frequency and OCL (see Figure 1 on page 4)
RM
fSW [kHz]
OCL (A)
47 k
600
7.6
68 k
600
5.4
100 k
1000
5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com